Electronic Components Datasheet Search
  English  ▼

X  

CS5460 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS5460
Description  Single Phase Bi-Directional Power/Energy IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5460 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS5460 Datasheet HTML 26Page - Cirrus Logic CS5460 Datasheet HTML 27Page - Cirrus Logic CS5460 Datasheet HTML 28Page - Cirrus Logic CS5460 Datasheet HTML 29Page - Cirrus Logic CS5460 Datasheet HTML 30Page - Cirrus Logic CS5460 Datasheet HTML 31Page - Cirrus Logic CS5460 Datasheet HTML 32Page - Cirrus Logic CS5460 Datasheet HTML 33Page - Cirrus Logic CS5460 Datasheet HTML 34Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
CS5460
30
DS279PP5
pedance than the voltage channel. These imped-
ance specs are given at the beginning of this data
sheet (see the specification titled “Effective Input
Impedance” for the voltage and current channels).
For example, the differential input impedance in
the current channel is spec’d to be 30 kOhm. As
the user increases the value of RPI to provide for
more and more common-mode surge protection,
the voltage drop across the external protection re-
sistor increases, and it divides the input signal
down more and more. This in turn reduces the dy-
namic range of the signals that are ultimately pre-
sented to the CS5460’s inputs. As an example,
suppose that the user creates a current-sensor con-
figuration that provides a differential voltage of
150mV (RMS) across shunt resistor RS at maxi-
mum line-current level. However, the user has set
RPI to 500 Ohms. This means that when there is
150mV across the shunt resistor (RS), the voltage
across the IIN+ and IIN- inputs is actually 150mV
* [ 30K / (500 + 30K)] = ~148mV (RMS). We see
that this has decreased the maximum signal input
level.
To avoid this voltage division, the user
should first consider the input protection that is go-
ing to be necessary, and then calculate the sensor
gains such that the drop across the protection resis-
tors is taken into account.
Typical values for these components are RPI = 500
Ohm, CPI = 0.02uF, CPV = 0.002uF and if neces-
sary, RPV = 5 KOhm.
5.7 PCB Layout
The CS5460 should be placed entirely over an ana-
log ground plane with both the VA- and DGND
pins of the device connected to the analog plane.
Place the analog-digital plane split immediately ad-
jacent to the digital portion of the chip.
Note:
See the CDB5460 data sheet for suggested
layout details and Applications Note 18 for
more detailed layout guidelines. Before
layout, please call for our Free Schematic
Review Service.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com