Electronic Components Datasheet Search
  English  ▼

X  

CS5460 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS5460
Description  Single Phase Bi-Directional Power/Energy IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5460 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS5460 Datasheet HTML 21Page - Cirrus Logic CS5460 Datasheet HTML 22Page - Cirrus Logic CS5460 Datasheet HTML 23Page - Cirrus Logic CS5460 Datasheet HTML 24Page - Cirrus Logic CS5460 Datasheet HTML 25Page - Cirrus Logic CS5460 Datasheet HTML 26Page - Cirrus Logic CS5460 Datasheet HTML 27Page - Cirrus Logic CS5460 Datasheet HTML 28Page - Cirrus Logic CS5460 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
CS5460
DS279PP5
25
EOR
Energy Out of Range. Set when the calibrated energy value is too large or too small to fit in the
output word.
VROR
RMS Voltage Out of Range. Set when the calibrated RMS voltage value is too large to fit in the
output word.
IROR
RMS Current Out of Range. Set when the calibrated RMS current value is too large to fit in the
output word.
PWOR
Power Calculation Out of Range.
VOR
Voltage Out of Range. Set when the calibrated voltage value is too large or too small to fit in
the output word.
IOR
Current Out of Range. Set when the calibrated current value is too large or too small to fit in the
output word.
MATH
General computation error (e.g., divide by 0)
EDIR
Set when sum of energy is less than zero. Set or cleared at the same time as EOUT.
EOUT
Indicates that the energy limit has been reached for the energy to frequency conversion, and a
pulse train will be generated on the EOUT pin (if enabled). This bit is cleared automatically when
the energy rate drops below the level that produces a 4 KHz EOUT pin rate. The bit can also
be cleared by writing to the status register. This status bit is set with a maximum frequency of
4 KHz (when MCLK/K is 4.096 MHz).
DRDY
Data Ready. Set at the end of a calibration or conversion cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com