Electronic Components Datasheet Search
  English  ▼

X  

CS5460 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS5460
Description  Single Phase Bi-Directional Power/Energy IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5460 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS5460 Datasheet HTML 20Page - Cirrus Logic CS5460 Datasheet HTML 21Page - Cirrus Logic CS5460 Datasheet HTML 22Page - Cirrus Logic CS5460 Datasheet HTML 23Page - Cirrus Logic CS5460 Datasheet HTML 24Page - Cirrus Logic CS5460 Datasheet HTML 25Page - Cirrus Logic CS5460 Datasheet HTML 26Page - Cirrus Logic CS5460 Datasheet HTML 27Page - Cirrus Logic CS5460 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
CS5460
24
DS279PP5
4.8 Timebase Calibration
Address: RA[4:0]* = 0x0D
Default** = 1.000
The Timebase Register is initialized to 1.0 on reset, allowing the device to function and perform computations.
The register is user loaded with the clock frequency error to compensate for a gain error caused by the crys-
tal/oscillator tolerance. The value is in the range 0.0
≤ TBC < 2.0.
4.9 Status Register and Mask Register
Address:
RA[4:0]* = 0x0F (Status Register)
RA[4:0]* = 0x1A (Mask Register)
Default** = 0x000001 (Status Register)
0x000000 (Mask Register)
The Status Register indicates the condition of the chip. In normal operation writing a ’1’ to a bit will cause the bit
to go to the ’0’ state. Writing a ’0’ to a bit will maintain the status bit in its current state. With this feature the user
can simply write back the status register to clear the bits that have been seen, without concern of clearing any
newly set bits. Even if a status bit is masked to prevent the interrupt, the status bit will still be set in the status
register so the user can poll the status.
The Mask Register is used to control the activation of the INT pin. Placing a logic ’1’ in the mask register will
allow the corresponding bit in the status register to activate the INT pin when the status bit becomes active.
IC
Invalid Command. Normally logic 1. Set to logic 0 when the part is given an invalid command.
Can be deactivated only by sending a port initialization sequence to the serial port. When writing
to status register this bit is ignored.
LSD
Low Supply detect. Set when the PFMON pin falls below 2.5 volts with respect to the VA- pin.
IOD
Modulator oscillation detect on the current channel. Set when the modulator oscillates due to
an input above Full Scale.
VOD
Modulator oscillation detect on the voltage channel. Set when the modulator oscillates due to
an input above Full Scale.
WDT
Watch-Dog Timer. Set when there has been no reading of the Energy register for more than 5
seconds. (MCLK = 4.096 MHz, K = 1) To clear this bit, first read the Energy register, then write
to the status register with this bit set to logic ’1’.
EOOR
EOUT energy/current summing register went out of range. This can be caused by having an
output rate that is too small for the power being measured. The problem can be corrected by
specifying a higher frequency in the pulse-rate register.
MSB
LSB
20
2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
23
22
21
20
19
18
17
16
DRDY
EOUT
EDIR
Res
MATH
Res
IOR
VOR
15
14
13
12
11
10
9
8
PWOR
IROR
VROR
EOR
EOOR
Res
Res
Res
765
4321
0
Res
Res
WDT
VOD
IOD
LSD
0
IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com