Electronic Components Datasheet Search
  English  ▼

X  

CS5460 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS5460
Description  Single Phase Bi-Directional Power/Energy IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5460 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS5460 Datasheet HTML 23Page - Cirrus Logic CS5460 Datasheet HTML 24Page - Cirrus Logic CS5460 Datasheet HTML 25Page - Cirrus Logic CS5460 Datasheet HTML 26Page - Cirrus Logic CS5460 Datasheet HTML 27Page - Cirrus Logic CS5460 Datasheet HTML 28Page - Cirrus Logic CS5460 Datasheet HTML 29Page - Cirrus Logic CS5460 Datasheet HTML 30Page - Cirrus Logic CS5460 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
CS5460
DS279PP5
27
gy register is read every second. As a result, the
WDT will not time out. Other applications, that
want to use the watchdog timer, will need to ensure
that the Energy register is read at least once in ev-
ery 5 second span.
5.2 Oscillator Characteristics
XIN and XOUT are the input and output, respec-
tively, of an inverting amplifier to provide oscilla-
tion and can be configured as an on-chip oscillator,
as shown in Figure 11. The oscillator circuit is de-
signed to work with a quartz crystal or a ceramic
resonator. To reduce circuit cost two load capaci-
tors C1 are integrated in the device, one between
XIN and DGND, one between XOUT and DGND.
Lead lengths should be minimized to reduce stray
capacitance. With these load capacitors the oscilla-
tor circuit is capable of oscillation up to 20 MHz.
To drive the device from an external clock source,
XOUT should be left unconnected while XIN is
driven by the external circuitry. There is an ampli-
fier between XIN and the digital section which pro-
vides CMOS level signals. This amplifier works
with sinusoidal inputs so there are no problems
with slow edge times.
The CS5460 can be driven by a clock ranging from
2.5 to 20 MHz Table 2 shows the clock divide value
K (default = 1) that the CS5460 needs to be pro-
grammed with for normal operation.
5.3 Analog Inputs
The CS5460 accommodates a full scale range of
150 mVRMS on both input channels. System cali-
bration can be used to increase or decrease the full
scale span of the converter as long as the calibra-
tion register values stay within the limits specified.
See the Calibration section for more details.
The current input channel has an input range of 30
mVRMS when the internal x50 gain stage is en-
abled. This signal range is designed to handle low
level signals from a shunt sensor.
K
CLK (min)
MHz
CLK (max)
MHz
12.5
5
25
10
410
20
Table 3. CPU Clock (and K) Restrictions
Oscillator
Circuit
DGND
XIN
XOUT
C1
C1 = 22 pF
C1
Figure 11. Oscillator Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com