Electronic Components Datasheet Search
  English  ▼

X  

CS5460 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS5460
Description  Single Phase Bi-Directional Power/Energy IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5460 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS5460 Datasheet HTML 13Page - Cirrus Logic CS5460 Datasheet HTML 14Page - Cirrus Logic CS5460 Datasheet HTML 15Page - Cirrus Logic CS5460 Datasheet HTML 16Page - Cirrus Logic CS5460 Datasheet HTML 17Page - Cirrus Logic CS5460 Datasheet HTML 18Page - Cirrus Logic CS5460 Datasheet HTML 19Page - Cirrus Logic CS5460 Datasheet HTML 20Page - Cirrus Logic CS5460 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
CS5460
DS279PP5
17
3.1.7 Register Read/Write Command
This command informs the state machine that a register access is required. On reads the addressed register is
loaded into the output buffer and clocked out by SCLK. On writes the data is clocked into the input buffer and
transferred to the addressed register on the 24th SCLK.
W/R
Write/Read control
0 = Read register
1 = Write register
RA[4:0]
Register address bits. Binary encoded 0 to 31. All registers are 24 bits in length.
Address
Name
Description
00000
Config
Configuration Register
00001
Ioff
Current offset calibration
00010
Ign
Current gain calibration
00011
Voff
Voltage offset calibration
00100
Vgn
Voltage gain calibration
00101
Cycle Count
Number of conversions to integrate over (N)
00110
Pulse-Rate
Used to calibrate/scale the energy to frequency output
00111
I
Last current value
01000
V
Last voltage value
01001
P
Last Power value
01010
E
Total energy value of last cycle
01011
IRMS
RMS current value of last cycle
01100
VRMS
RMS voltage value of last cycle
01101
TBC
Timebase Calibration
01110
Test
Internal Use only †
01111
Status
Status register
10000
Res
Reserved
.
.
10111
Res
Reserved
11000
Test
Internal Use only †
11001
Test
Internal Use Only †
11010
Mask
Interrupt mask register
11011
Test
Internal Use Only †
11100
Res
Reserved
.
.
11111
Res
Reserved
† These Registers are for Internal Use only and should not be written to. Accessing these
registers will NOT generate an “Invalid Command” (IC) bit in the Status Register.
B7
B6
B5
B4
B3
B2
B1
B0
0W/R
RA4
RA3
RA2
RA1
RA0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com