Electronic Components Datasheet Search
  English  ▼

X  

CS5460 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5460
Description  Single Phase Bi-Directional Power/Energy IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5460 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5460 Datasheet HTML 10Page - Cirrus Logic CS5460 Datasheet HTML 11Page - Cirrus Logic CS5460 Datasheet HTML 12Page - Cirrus Logic CS5460 Datasheet HTML 13Page - Cirrus Logic CS5460 Datasheet HTML 14Page - Cirrus Logic CS5460 Datasheet HTML 15Page - Cirrus Logic CS5460 Datasheet HTML 16Page - Cirrus Logic CS5460 Datasheet HTML 17Page - Cirrus Logic CS5460 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
CS5460
14
DS279PP5
3. SERIAL PORT OVERVIEW
The CS5460’s serial port incorporates a state ma-
chine with transmit/receive buffers. The state ma-
chine interprets 8 bit command words on the rising
edge of SCLK. Upon decoding of the command
word the state machine performs the requested
command or prepares for a data transfer of the ad-
dressed register. Request for a read requires an in-
ternal register transfer to the transmit buffer, while
a write waits until the completion of 24 SCLKs be-
fore performing a transfer. The internal registers
are used to control the ADC’s functions. All regis-
ters are 24-bits in length. Figure 9 depicts the inter-
nal registers available to the user.
After system initialization or reset, the serial port
state machine is initialized into command mode
where it waits to receive a valid command (the first
8-bits clocked into the serial port). Upon receiving
and decoding a valid command word the state ma-
chine instructs the converter to either perform a
system operation, or transfer data to or from an in-
ternal register. The Command Word section can be
used to decode all valid commands.
The state machine decodes the command word as it
is received. The serial port enters data transfer
mode if the MSB of the command word is logic 0
(B7 = 0). In data transfer mode, the internal regis-
ters are read from or written to. Command words
instructing a register write must be followed by 24
bits of data. For instance, to write the configuration
register, the user would transmit the command
(0x40) to initiate the write. The ADC would then
acquire the serial data input from the (SDI) pin
when the user pulses the serial clock (SCLK) 24
times. Once the data is received the state machine
would write the data to the configuration register
and return to the command mode. Command words
instructing a register read may be terminated at
8-bit boundaries (e.g., read transfers may be 8, 16,
or 24 bits in length). Also data register reads allow
“command chaining”. For example, a command
word instructs the state machine to read a signed
output register. After the user pulses SCLK for
16-bits of data, a write command word (e.g., to
clear the status register) may be pulsed on to the
SDI line at the same time the remaining 8-bits of
data are pulsed from the SDO line.
Current
Channel
Voltage
Channel
Cycle-Counter Register (1 × 24)
Gain Register (1 × 24)
Gain Register (1 × 24)
Configuration Register (1 × 24)
Status Register (1 × 24)
Serial Interface
Pulse-Rate Register (1 × 24)
Mask Register (1 × 24)
Timebase Register (1 × 24)
Offset Register (1 × 24)
Offset Register (1 × 24)
Unsigned Output Registers (2 × 24)
(I
, V
)
Command Word
State Machine
Transmit Buffer
Receive Buffer
Signed Output Registers (4 × 24)
(I, V, P, E)
RMS
RMS
24-Bit
SDI
CS
SDO
SCLK
INT
Figure 9. CS5460 Register Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com