Electronic Components Datasheet Search
  English  ▼

X  

DA7218 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # DA7218
Description  Ultra-Low Power Stereo Codec
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7218 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button DA7218 Datasheet HTML 32Page - Renesas Technology Corp DA7218 Datasheet HTML 33Page - Renesas Technology Corp DA7218 Datasheet HTML 34Page - Renesas Technology Corp DA7218 Datasheet HTML 35Page - Renesas Technology Corp DA7218 Datasheet HTML 36Page - Renesas Technology Corp DA7218 Datasheet HTML 37Page - Renesas Technology Corp DA7218 Datasheet HTML 38Page - Renesas Technology Corp DA7218 Datasheet HTML 39Page - Renesas Technology Corp DA7218 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 154 page
background image
Ultra-Low Power Stereo Codec
R32DS0004EE0370 Revision 3.7
Aug 9, 2024
CFR0011-120-00
Page 36
11.025/12.0
Not supported
Supported
Supported
Supported
16.0
Not supported
Supported
Supported
Supported
22.050/24.0
Not supported
Supported
Supported
Supported
32.0
Not supported
Not supported
Supported
Supported
44.100/48.0
Not supported
Supported
Not supported
Supported
88.200/96.0
Not supported
Not supported
Not supported
Supported
9.2.2.1
High Performance Mode
In normal (high performance) mode (adc_lp_mode = 0), the ADCs are clocked at a fixed rate of either 3.072 MHz
or 2.8224 MHz, depending on the required input sample rate (SR1).
9.2.2.2
Low-Power Mode
The low-power mode of operation is designed for always-on applications. In low-power mode, the ADCs are
clocked at half the "normal" (high-performance) rate, that is, at either 1.5360 MHz or 1.4112 MHz. Low-power
mode is set in both ADCs by setting adc_lp_mode = 1. In this mode, there is a small increase in distortion.
9.2.2.3
Anti-Alias Filters
The anti-alias filters at the front-end of the ADC are enabled by default. The anti-alias filters can be disabled to
save power by setting adc_1_aaf_en = 0 for channel 1, or adc_2_aaf_en = 0 for channel 2.
9.3
Digital Engine
The DA7218 chip contains a digital engine that performs the signal processing and also provides overall system
control. Within the digital engine, all seven possible input signals can be mixed and output to any of the six
possible outputs. See Figure 9 for a visual representation of this.
The output signals from either of the two ADCs or any of the four digital microphones are passed to the input
filter block. The filter block includes a high-pass filter for wind noise suppression, an automatic level control, and
input level detection.
The signals from the input filters are sent to the digital mixer where they can be combined with signals from the
tone generator and the DAI, and routed to the output filters and the DAI. The output filters contain a high-pass
filter for DC offset removal, a fixed 5-band equalizer, and a flexible 5-stage biquad filter to adjust the sound of the
output signals.
There is also a sidetone path that can take one signal from either the ADCs or the digital microphones and
perform filtering using three biquad sections before passing the signal straight to the output filters.
The digital engine contains a DRE module that can be used to automatically swap analog and digital gains on
the input and output signal paths in order to maximize the dynamic range of the codec.
Finally, a system controller module is included to ensure correct sequencing of the events required to bring up
and shut down signal paths without creating pops and clicks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com