Electronic Components Datasheet Search
  English  ▼

X  

DA7218 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # DA7218
Description  Ultra-Low Power Stereo Codec
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7218 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button DA7218 Datasheet HTML 61Page - Renesas Technology Corp DA7218 Datasheet HTML 62Page - Renesas Technology Corp DA7218 Datasheet HTML 63Page - Renesas Technology Corp DA7218 Datasheet HTML 64Page - Renesas Technology Corp DA7218 Datasheet HTML 65Page - Renesas Technology Corp DA7218 Datasheet HTML 66Page - Renesas Technology Corp DA7218 Datasheet HTML 67Page - Renesas Technology Corp DA7218 Datasheet HTML 68Page - Renesas Technology Corp DA7218 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 154 page
background image
Ultra-Low Power Stereo Codec
R32DS0004EE0370 Revision 3.7
Aug 9, 2024
CFR0011-120-00
Page 65
Table 49: Audio subsystem digital LDO level
ldo_level_select setting
LDO level (V)
00
1.05
01
1.10
10
1.20
11
1.40
9.6.3.2
Digital Input/Output Pins Voltage Level
The digital input/output (I/O) pins can be set to operate in either a high voltage (2.5 V to 3.6 V) or low voltage
(1.5 V to 2.5 V) range using the io_voltage_level bit. This bit should be set to the relevant value based on the IO
voltage level of the host.
9.7
I2C Control Interface
The DA7218 is completely software-controlled from the host via register writes. The DA7218 provides an I2C
compliant serial control interface to access these registers. Data is shifted into or out of the DA7218 under the
control of the host processor, which also provides the serial clock.
The I2C clock is supplied by the SCL line and the bi-directional I2C data is carried by the SDA line. The I2C
interface is open-drain supporting multiple devices on a single line. The bus lines have to be pulled High by
external pull-up resistors (1
kΩ to 20 kΩ range). The attached devices only drive the bus lines Low by
connecting them to ground. This means that two devices cannot conflict if they drive the bus simultaneously.
Table 50: Device 7-bit I2C slave addresses
Pin AD
Device I2C address
High
1B
Low
1A
In standard/fast mode the highest frequency of the bus is 1 MHz. The exact frequency can be determined by the
application and does not have any relation to the DA7218 internal clock signals. DA7218 will follow the host
clock speed within the described limitations and does not initiate any clock arbitration or slow down.
In high-speed mode the maximum frequency of the bus can be increased up to 3.4 MHz. This mode is supported
if the SCL line is driven with a push-pull stage from the host and if the host enables an external 3 mA pull-up at
the SDA pin to decrease the rise time of the data. In this mode the SDA line on DA7218 is able to sink up to
12 mA. In all other respects the high speed mode behaves as the standard/fast mode. Communication on the I2C
bus always takes place between two devices, one acting as the master and the other as the slave. The DA7218
will only operate as a SLAVE in I2C communication.
Host
Processor
Codec
SDA
SCL
Peripheral
Device
SDA
SCL
SCL
SDA
VDD_IO
VDD_IO
Figure 25. Schematic of the I2C control interface bus
All data is transmitted across the I2C bus in groups of eight bits. To send a bit the SDA line is driven to the
intended state while the SDA is Low (a LOW on SDA indicates a zero bit). Once the SDA has settled, the SCL
line is brought HIGH and then LOW
. This pulse on SCL clocks the SDA bit into the receiver’s shift register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com