Electronic Components Datasheet Search
  English  ▼

X  

DA7218 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # DA7218
Description  Ultra-Low Power Stereo Codec
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7218 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button DA7218 Datasheet HTML 93Page - Renesas Technology Corp DA7218 Datasheet HTML 94Page - Renesas Technology Corp DA7218 Datasheet HTML 95Page - Renesas Technology Corp DA7218 Datasheet HTML 96Page - Renesas Technology Corp DA7218 Datasheet HTML 97Page - Renesas Technology Corp DA7218 Datasheet HTML 98Page - Renesas Technology Corp DA7218 Datasheet HTML 99Page - Renesas Technology Corp DA7218 Datasheet HTML 100Page - Renesas Technology Corp DA7218 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 154 page
background image
Ultra-Low Power Stereo Codec
R32DS0004EE0370 Revision 3.7
Aug 9, 2024
CFR0011-120-00
Page 97
Bit
Mode
Symbol
Description
Reset
4:3
R/W
hpldet_jack_debounce
HPL jack detection debounce control.
Number of debounce measurements taken before a jack
insertion is confirmed and the host is informed.
Debounce measurements are separated by the time
defined by accdet_jack_rate, so it will take up to
accdet_jack_rate*accdet_jack_deb to successfully
determine a jack insertion. No debouncing is performed
for removal.
00 = no debounce
01 = 2
10 = 3
11 = 4
0x1
2:0
R/W
hpldet_jack_rate
Time between jack detection measurements when there
is no jack or a 3-pole jack is inserted
0 = 5 us
1 = 10 us
2 = 20 us
3 = 40 us
4 = 80 us
5 = 160 us
6 = 320 us
7 = 640 us
0x3
Table 135: HPLDET_CTRL (Page 0: 0x000000D9)
Bit
Mode
Symbol
Description
Reset
7
R/W
hpldet_discharge_en
Control of automatic discharge of MICBIAS on jack
removal
0 = Disabled
1 = Enabled
0x0
1
R/W
hpldet_hyst_en
HPL detection hysteresis control
0 = Disabled
1 = Enabled
0x0
0
R/W
hpldet_comp_inv
HPL detector output inversion control
Setting this register causes the HPL detector comparator
output signal tobe inverted
0 = Not inverted
1 = Inverted
0x0
Table 136: HPLDET_TEST (Page 0: 0x000000DA)
Bit
Mode
Symbol
Description
Reset
4
R
hpldet_comp_sts
HPLDET Comparator output
0 = No headphone detected
1 = Headphone detected
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com