Electronic Components Datasheet Search
  English  ▼

X  

DA7218 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # DA7218
Description  Ultra-Low Power Stereo Codec
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7218 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button DA7218 Datasheet HTML 11Page - Renesas Technology Corp DA7218 Datasheet HTML 12Page - Renesas Technology Corp DA7218 Datasheet HTML 13Page - Renesas Technology Corp DA7218 Datasheet HTML 14Page - Renesas Technology Corp DA7218 Datasheet HTML 15Page - Renesas Technology Corp DA7218 Datasheet HTML 16Page - Renesas Technology Corp DA7218 Datasheet HTML 17Page - Renesas Technology Corp DA7218 Datasheet HTML 18Page - Renesas Technology Corp DA7218 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 154 page
background image
Ultra-Low Power Stereo Codec
R32DS0004EE0370 Revision 3.7
Aug 9, 2024
CFR0011-120-00
Page 15
3.
Block Diagram
DIGITAL ENGINE
DACL
PLL
ADC1
DACR
VOLTAGE REFS
LDO
DIGITAL
AUDIO
INTERFACE
DA7218
System Controller
Dynamic
Range Extension
ADC2
4
1
2
Tone Generator
Biquad Filter
@ SR2
CHARGE
PUMP
Sidetone Filter
@ SR2
HEADPHONE
DETECT
I2C CONTROL
INTERFACE
MCLK
MIC1_N
DMIC1IN
MIC1_P
DMIC1CLK
MIC2_N
DMIC2IN
MIC2_P
DMIC2CLK
HPL
GND_SENSE
HPR
MICBIAS1
MICBIAS2
VDD_MIC
HPLDET
2
4
Figure 2. DA7218 block diagram
4.
Pinout
Sensitive
Analogue
Noisy Digital
Quasi-Static
Digital
Power
(up to 100mA)
Quiet Ground
Noisy Ground
View from above
“Live Bug”
1
A
B
C
D
3
2
4
5
6
7
8
9
11
13
15
10
12
14
16
HPR
HPL
DACREF
VMID
VDD_MIC
MIC1_P
HPCSP
VREF
GND_CP
GND_
SENSE
HPLDET
VDD
GND
MICBIAS1
MIC1_N
MICBIAS2
HPCFP
HPCFN
VDD_IO
DATIN
DATOUT
SCL
nIRQ
MIC2_N
HPCSN
VDDDIG
BCLK
WCLK
MCLK
SDA
AD
MIC2_P
Figure 3. DA7218 ballout diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com