Electronic Components Datasheet Search
  English  ▼

X  

DA7218 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # DA7218
Description  Ultra-Low Power Stereo Codec
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7218 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button DA7218 Datasheet HTML 57Page - Renesas Technology Corp DA7218 Datasheet HTML 58Page - Renesas Technology Corp DA7218 Datasheet HTML 59Page - Renesas Technology Corp DA7218 Datasheet HTML 60Page - Renesas Technology Corp DA7218 Datasheet HTML 61Page - Renesas Technology Corp DA7218 Datasheet HTML 62Page - Renesas Technology Corp DA7218 Datasheet HTML 63Page - Renesas Technology Corp DA7218 Datasheet HTML 64Page - Renesas Technology Corp DA7218 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 154 page
background image
Ultra-Low Power Stereo Codec
R32DS0004EE0370 Revision 3.7
Aug 9, 2024
CFR0011-120-00
Page 61
maximum), and SYS_CLK/16, /32, /64 and /128. Where SYS_CLK is 12.288 MHz or 11.2896 MHz depending on
sample rate.
If cp_mchange does not = 00, the charge pump load is monitored and the clock frequency adjusted accordingly
to allow the charge pump to supply the required current. Clock frequency varies depending on the charge pump
requirements, and the cp_fcontrol settings specify the minimum frequency at which the clock will run. The
maximum frequency is always SYS_CLK/8.
In addition to the cp_fcontrol settings outlined above, and which specify the minimum clock frequency, there is
an extra setting of cp_fcontrol = 101 which has no minimum frequency. At this setting, the clock frequency is
under the complete control of the tracking and feedback mechanism. The frequency can vary from 0 Hz when
there is no load on the charge pump and no component leakage, up to the maximum of SYS_CLK/8.
In general this setting can be left at its default value of 001.
9.4.9
Other Charge Pump Controls
When a higher charge pump output voltage is needed, the charge pump increases its output at the fastest rate
possible given the controls and settings in that currently in place. Once the higher output voltage is no longer
needed, the charge pump controller waits for a period determined by the cp_tau_delay setting before reducing
the output voltage.
For best performance, Renesas recommend setting cp_tau_delay to 16 ms or greater.
cp_small_switch_freq_en enables a low-load, low-power switching mode. If cp_small_switch_freq_en is enabled
and cp_fcontrol is set to a value between 000 and 100, any feedback from the analog level detector results in a
switch from low-power to full-power. Full-power is maintained for one cp_tau_delay period after the pulse, any
subsequent pulses restart the cp_tau_delay period.
If cp_fcontrol = 101, the first feedback from the analog level detector primes the change to full-power mode. If
another pulse occurs within 32 clock cycles of the first feedback from the analog level detector, full power is
enabled for one cp_tau_delay period.
9.4.10
True-Ground Supply Mode
In true-ground supply mode, the charge pump must be enabled to generate the ground-centered supply rails for
the amplifiers.
9.5
Phase Locked Loop
The DA7218 contains a Phase Locked Loop (PLL) that can be used to generate the required 11.2896 MHz or
12.288 MHz internal system clock when a frequency of between 2 and 54 MHz is applied to MCLK. This allows
sharing of clocks between devices in an application, reducing total system cost. For example, the codec may
operate from common 13 MHz or 19.2 MHz system clock frequency.
9.5.1
PLL Bypass Mode
If an MCLK signal (of [11.2896, 12.288, 22.5792, 24.576, 45.1584, or 49.152] MHz) that is synchronous with
WCLK and BCLK is available, the PLL is not required and should be disabled to save power. PLL bypass mode
is activated by setting pll_mode = 00.
In this mode the PLL is bypassed and an audio frequency clock is applied to the MCLK pin of the codec. The
required clock frequency depends on the sample rate at which the audio DACs and ADCs are operating. These
clock frequencies are summarized in Table 46 for the range of DAC and ADC sample rates that can be
configured using the SR register.
Table 46: Sample rate control register and corresponding system clock frequency
Sample rate, FS (kHz)
SR register
System clock frequency (MHz)
8
0001
12.288
11.025
0010
11.2896
12
0011
12.288
16
0101
12.288
22.05
0110
11.2896



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com