Electronic Components Datasheet Search
  English  ▼

X  

DA7218 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # DA7218
Description  Ultra-Low Power Stereo Codec
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7218 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button DA7218 Datasheet HTML 9Page - Renesas Technology Corp DA7218 Datasheet HTML 10Page - Renesas Technology Corp DA7218 Datasheet HTML 11Page - Renesas Technology Corp DA7218 Datasheet HTML 12Page - Renesas Technology Corp DA7218 Datasheet HTML 13Page - Renesas Technology Corp DA7218 Datasheet HTML 14Page - Renesas Technology Corp DA7218 Datasheet HTML 15Page - Renesas Technology Corp DA7218 Datasheet HTML 16Page - Renesas Technology Corp DA7218 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 154 page
background image
Ultra-Low Power Stereo Codec
R32DS0004EE0370 Revision 3.7
Aug 9, 2024
CFR0011-120-00
Page 13
1.
Terms and Definitions
ADC
Analog to Digital Converter
AGS
ADC Gain Swap (input Dynamic Range Extension)
ALC
Automatic Level Control
ANC
Active Noise Cancelling
BIQ
Biquad Filter
CIC
Cascaded Integrator and Comb
DAC
Digital to Analog Converter
DAI
Digital Audio Interface
DGS
DAC Gain Swap (output Dynamic Range Extension)
DMIC
Digital Microphone
DRE
Dynamic Range Extension
DTMF
Dual Tone Multi-Frequency
DWA
Data-Weighted Averager
HBM
Human Body Model
HPF
High-Pass Filter
I2C
Inter-Integrated Circuit interface
I2S
Inter-IC Sound
LDO
Low Dropout Regulator
LPF
Low-Pass Filter
MCLK
Master Clock
PC
Program Counter
PDM
Pulse Density Modulated
PGA
Programmable Gain Amplifier
PLL
Phase Locked Loop
PSRR
Power Supply Rejection Ratio [4]
RC
Resistance-Capacitance
SC
System Controller
SDM
Sigma Delta Modulator
SNR
Signal to Noise Ratio [5]
SRM
Sample Rate Matching
SWG
Sine Wave Generator
TDM
Time Division Multiplexing
THD+N
Total Harmonic Distortion plus Noise [6]
VCO
Voltage-Controlled Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com