Electronic Components Datasheet Search
  English  ▼

X  

DA7218 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # DA7218
Description  Ultra-Low Power Stereo Codec
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7218 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button DA7218 Datasheet HTML 7Page - Renesas Technology Corp DA7218 Datasheet HTML 8Page - Renesas Technology Corp DA7218 Datasheet HTML 9Page - Renesas Technology Corp DA7218 Datasheet HTML 10Page - Renesas Technology Corp DA7218 Datasheet HTML 11Page - Renesas Technology Corp DA7218 Datasheet HTML 12Page - Renesas Technology Corp DA7218 Datasheet HTML 13Page - Renesas Technology Corp DA7218 Datasheet HTML 14Page - Renesas Technology Corp DA7218 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 154 page
background image
Ultra-Low Power Stereo Codec
R32DS0004EE0370 Revision 3.7
Aug 9, 2024
CFR0011-120-00
Page 11
Table 191: PLL_STATUS (Page 0: 0x00000095) ............................................................................................... 114
Table 192: PLL_REFOSC_CAL (Page 0: 0x00000098) ..................................................................................... 114
Table 193: Register map references_cor_00 page 0 .......................................................................................... 115
Table 194: REFERENCES (Page 0: 0x000000DC) ............................................................................................ 115
Table 195: Register map router_cor_00 page 0.................................................................................................. 115
Table 196: DROUTING_OUTDAI_1L (Page 0: 0x0000005C) ............................................................................ 117
Table 197: DMIX_OUTDAI_1L_INFILT_1L_GAIN (Page 0: 0x0000005D)......................................................... 118
Table 198: DMIX_OUTDAI_1L_INFILT_1R_GAIN (Page 0: 0x0000005E) ........................................................ 118
Table 199: DMIX_OUTDAI_1L_INFILT_2L_GAIN (Page 0: 0x0000005F) ......................................................... 118
Table 200: DMIX_OUTDAI_1L_INFILT_2R_GAIN (Page 0: 0x00000060)......................................................... 119
Table 201: DMIX_OUTDAI_1L_TONEGEN_GAIN (Page 0: 0x00000061) ........................................................ 119
Table 202: DMIX_OUTDAI_1L_INDAI_1L_GAIN (Page 0: 0x00000062)........................................................... 119
Table 203: DMIX_OUTDAI_1L_INDAI_1R_GAIN (Page 0: 0x00000063) .......................................................... 120
Table 204: DROUTING_OUTDAI_1R (Page 0: 0x00000064) ............................................................................ 120
Table 205: DMIX_OUTDAI_1R_INFILT_1L_GAIN (Page 0: 0x00000065)......................................................... 120
Table 206: DMIX_OUTDAI_1R_INFILT_1R_GAIN (Page 0: 0x00000066) ........................................................ 121
Table 207: DMIX_OUTDAI_1R_INFILT_2L_GAIN (Page 0: 0x00000067)......................................................... 121
Table 208: DMIX_OUTDAI_1R_INFILT_2R_GAIN (Page 0: 0x00000068) ........................................................ 121
Table 209: DMIX_OUTDAI_1R_TONEGEN_GAIN (Page 0: 0x00000069) ........................................................ 122
Table 210: DMIX_OUTDAI_1R_INDAI_1L_GAIN (Page 0: 0x0000006A).......................................................... 122
Table 211: DMIX_OUTDAI_1R_INDAI_1R_GAIN (Page 0: 0x0000006B) ......................................................... 122
Table 212: DROUTING_OUTFILT_1L (Page 0: 0x0000006C) ........................................................................... 123
Table 213: DMIX_OUTFILT_1L_INFILT_1L_GAIN (Page 0: 0x0000006D) ....................................................... 123
Table 214: DMIX_OUTFILT_1L_INFILT_1R_GAIN (Page 0: 0x0000006E) ....................................................... 123
Table 215: DMIX_OUTFILT_1L_INFILT_2L_GAIN (Page 0: 0x0000006F)........................................................ 124
Table 216: DMIX_OUTFILT_1L_INFILT_2R_GAIN (Page 0: 0x00000070) ....................................................... 124
Table 217: DMIX_OUTFILT_1L_TONEGEN_GAIN (Page 0: 0x00000071) ....................................................... 124
Table 218: DMIX_OUTFILT_1L_INDAI_1L_GAIN (Page 0: 0x00000072) ......................................................... 125
Table 219: DMIX_OUTFILT_1L_INDAI_1R_GAIN (Page 0: 0x00000073)......................................................... 125
Table 220: DROUTING_OUTFILT_1R (Page 0: 0x00000074) ........................................................................... 125
Table 221: DMIX_OUTFILT_1R_INFILT_1L_GAIN (Page 0: 0x00000075) ....................................................... 126
Table 222: DMIX_OUTFILT_1R_INFILT_1R_GAIN (Page 0: 0x00000076)....................................................... 126
Table 223: DMIX_OUTFILT_1R_INFILT_2L_GAIN (Page 0: 0x00000077) ....................................................... 126
Table 224: DMIX_OUTFILT_1R_INFILT_2R_GAIN (Page 0: 0x00000078)....................................................... 127
Table 225: DMIX_OUTFILT_1R_TONEGEN_GAIN (Page 0: 0x00000079) ...................................................... 127
Table 226: DMIX_OUTFILT_1R_INDAI_1L_GAIN (Page 0: 0x0000007A) ........................................................ 127
Table 227: DMIX_OUTFILT_1R_INDAI_1R_GAIN (Page 0: 0x0000007B)........................................................ 128
Table 228: DROUTING_OUTDAI_2L (Page 0: 0x0000007C) ............................................................................ 128
Table 229: DMIX_OUTDAI_2L_INFILT_1L_GAIN (Page 0: 0x0000007D)......................................................... 128
Table 230: DMIX_OUTDAI_2L_INFILT_1R_GAIN (Page 0: 0x0000007E) ........................................................ 129
Table 231: DMIX_OUTDAI_2L_INFILT_2L_GAIN (Page 0: 0x0000007F) ......................................................... 129
Table 232: DMIX_OUTDAI_2L_INFILT_2R_GAIN (Page 0: 0x00000080)......................................................... 129
Table 233: DMIX_OUTDAI_2L_TONEGEN_GAIN (Page 0: 0x00000081) ........................................................ 130
Table 234: DMIX_OUTDAI_2L_INDAI_1L_GAIN (Page 0: 0x00000082)........................................................... 130
Table 235: DMIX_OUTDAI_2L_INDAI_1R_GAIN (Page 0: 0x00000083) .......................................................... 130
Table 236: DROUTING_OUTDAI_2R (Page 0: 0x00000084) ............................................................................ 131
Table 237: DMIX_OUTDAI_2R_INFILT_1L_GAIN (Page 0: 0x00000085)......................................................... 131
Table 238: DMIX_OUTDAI_2R_INFILT_1R_GAIN (Page 0: 0x00000086) ........................................................ 131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com