Electronic Components Datasheet Search
  English  ▼

X  

DA7218 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # DA7218
Description  Ultra-Low Power Stereo Codec
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7218 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button DA7218 Datasheet HTML 36Page - Renesas Technology Corp DA7218 Datasheet HTML 37Page - Renesas Technology Corp DA7218 Datasheet HTML 38Page - Renesas Technology Corp DA7218 Datasheet HTML 39Page - Renesas Technology Corp DA7218 Datasheet HTML 40Page - Renesas Technology Corp DA7218 Datasheet HTML 41Page - Renesas Technology Corp DA7218 Datasheet HTML 42Page - Renesas Technology Corp DA7218 Datasheet HTML 43Page - Renesas Technology Corp DA7218 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 154 page
background image
Ultra-Low Power Stereo Codec
R32DS0004EE0370 Revision 3.7
Aug 9, 2024
CFR0011-120-00
Page 40
Sample rate (kHz)
8
11.025
12
16
22.05
24
32
44.1
48
88.2
96
100
150
101
200
110
300
111
400
9.3.1.3
Automatic Level Control
For improved sound recordings of signals with a large volume range, the DA7218 offers a fully-configurable
automatic recording level control (ALC) for microphone inputs. This is enabled via the ALC_CTRL1, and can be
enabled independently on any of the four input channels. The ALC monitors the digital signal after the ADC and
adjusts the microphones’ analog and digital gain to maintain a constant recording level, regardless of the analog
input signal level.
Operation of ALC is shown in Figure 11. When the input signal volume is high, the ALC system will reduce the
overall gain until the output volume is below the specified maximum value. When the input signal volume is low,
the ALC will increase the gain until the output volume increases above the specified minimum value. If the output
signal is within the desired signal level (between the specified minimum and maximum levels), the ALC does
nothing.
The minimum and the maximum thresholds that trigger a gain change of the ALC are programmed by the
alc_threshold_min and alc_threshold_max controls.
ALC Input
ALC Gain
ALC Output
Release time
Attack time
Figure 11. Principle of operation of the ALC
The ALC can operate in two modes; Digital-Only mode and Hybrid (combined analog and digital gain) mode.
In Digital-Only mode only the digital gain in the ADC is altered. Note that although the ALC is controlling the
gain, it does not modify any of the registers in_1l_digital_gain, in_1r_digital_gain, in_2l_digital_gain, or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com