Electronic Components Datasheet Search
  English  ▼

X  

DA7218 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # DA7218
Description  Ultra-Low Power Stereo Codec
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7218 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button DA7218 Datasheet HTML 82Page - Renesas Technology Corp DA7218 Datasheet HTML 83Page - Renesas Technology Corp DA7218 Datasheet HTML 84Page - Renesas Technology Corp DA7218 Datasheet HTML 85Page - Renesas Technology Corp DA7218 Datasheet HTML 86Page - Renesas Technology Corp DA7218 Datasheet HTML 87Page - Renesas Technology Corp DA7218 Datasheet HTML 88Page - Renesas Technology Corp DA7218 Datasheet HTML 89Page - Renesas Technology Corp DA7218 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 154 page
background image
Ultra-Low Power Stereo Codec
R32DS0004EE0370 Revision 3.7
Aug 9, 2024
CFR0011-120-00
Page 86
Bit
Mode
Symbol
Description
Reset
2
R/W
dai_clk_pol
DAI bit clock polarity control
0 = Normal polarity
1 = Inverted polarity
0x0
1:0
R/W
dai_bclks_per_wclk
Number of BCLK cycles per WCLK period in DAI master
mode
00 = 32 BCLK cycles per WCLK
01 = 64 BCLK cycles per WCLK
10 = 128 BCLK cycles per WCLK
11 = 256 BCLK cycles per WCLK
0x1
Table 105: Register map dgs_cor_00 page 0
Address
Name
#
7
6
5
4
3
2
1
0
Register Page 0
0x00000054
DGS_TRIGGER
Reserved
dgs_trigger_lvl
0x00000055
DGS_ENABLE
Reserved
dgs_enable
0x00000056
DGS_RISE_FALL
Reserved
dgs_fall_coeff
Reserved
dgs_rise_coeff
0x00000057
DGS_SYNC_DELAY
dgs_sync_delay
0x00000058
DGS_SYNC_DELAY2
dgs_sync_delay2
0x00000059
DGS_SYNC_DELAY3
Reserved
dgs_sync_delay3
0x0000005A
DGS_LEVELS
dgs_signal_lvl
Reserved
dgs_anticlip_lvl
0x0000005B
DGS_GAIN_CTRL
Reserved
dgs_subr_en
dgs_ramp_en
dgs_steps
Table 106: DGS_TRIGGER (Page 0: 0x00000054)
Bit
Mode
Symbol
Description
Reset
5:0
R/W
dgs_trigger_lvl
DAC Gain Swap (DGS) input-amplitude trigger level
control. This sets the volume level at which all DGS
steps are applied.
0x00 = 0 dB
0x01 = -1.5 dB
0x02 = -3 dB
continuing in -1.5 dB steps through...
0x24 = -54 dB (default)
to...
0x3e = -93 dB
0x3f = -94.5 dB
0x24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com