Electronic Components Datasheet Search
  English  ▼

X  

DA7218 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # DA7218
Description  Ultra-Low Power Stereo Codec
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7218 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button DA7218 Datasheet HTML 53Page - Renesas Technology Corp DA7218 Datasheet HTML 54Page - Renesas Technology Corp DA7218 Datasheet HTML 55Page - Renesas Technology Corp DA7218 Datasheet HTML 56Page - Renesas Technology Corp DA7218 Datasheet HTML 57Page - Renesas Technology Corp DA7218 Datasheet HTML 58Page - Renesas Technology Corp DA7218 Datasheet HTML 59Page - Renesas Technology Corp DA7218 Datasheet HTML 60Page - Renesas Technology Corp DA7218 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 154 page
background image
Ultra-Low Power Stereo Codec
R32DS0004EE0370 Revision 3.7
Aug 9, 2024
CFR0011-120-00
Page 57
Gain updates can be ramped through all intermediate values by setting hp_l_amp_ramp_en = 1. This ramp
setting overrides the settings of hp_l_amp_zc_en. To prevent zipper noise when gain ramping is selected, the
gain is ramped through additional subrange gain steps.
Alternatively, gain updates can be synchronized with signal zero-crossings by setting hp_l_amp_zc_en = 1. If no
zero-crossing is detected within the timeout period, then the gain update is applied unconditionally. The timeout
period is approximately 0.1 s, and is not user configurable.
The amplifier can be muted by setting hp_l_amp_mute_en = 1.
The amplifier can be put in its minimum gain configuration by setting hp_l_amp_min_gain_en = 1. If either zero-
crossing or ramping are enabled when minimum gain is set, the ramping or the zero crossing will be performed
while activating the minimum gain. The right-channel headphone amplifier (HP_R_CTRL) is controlled in the
same manner.
Table 42: hp_l_amp_gain and hp_r_amp_gain settings
hp_l_amp_gain
and
hp_r_amp_gain
Gain (dB)
hp_l_amp_gain
and
hp_r_amp_gain
Gain (dB)
hp_l_amp_gain
and
hp_r_amp_gain
Gain (dB)
000000
to
010100
Reserved
010101
-57.0
101011
-24.0
010110
-55.5
101100
-22.5
010111
-54.0
101101
-21.0
011000
-52.5
101110
-19.5
011001
-51.0
101111
-18.0
011010
-49.5
110000
-16.5
011011
-48.0
110001
-15.0
011100
-46.5
110010
-13.5
011101
-45.0
110011
-12.0
011110
-43.5
110100
-10.5
011111
-42.0
110101
-9.0
100000
-40.5
110110
-7.5
100001
-39.0
110111
-6.0
100010
-37.5
111000
-4.5
100011
-36.0
111001
-3.0
100100
-34.5
111010
-1.5
100101
-33.0
111011
0.0
100110
-31.5
111100
1.5
100111
-30.0
111101
3.0
101000
-28.5
111110
4.5
101001
-27.0
111111
6.0
101010
-25.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com