Electronic Components Datasheet Search
  English  ▼

X  

DA7218 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # DA7218
Description  Ultra-Low Power Stereo Codec
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7218 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button DA7218 Datasheet HTML 35Page - Renesas Technology Corp DA7218 Datasheet HTML 36Page - Renesas Technology Corp DA7218 Datasheet HTML 37Page - Renesas Technology Corp DA7218 Datasheet HTML 38Page - Renesas Technology Corp DA7218 Datasheet HTML 39Page - Renesas Technology Corp DA7218 Datasheet HTML 40Page - Renesas Technology Corp DA7218 Datasheet HTML 41Page - Renesas Technology Corp DA7218 Datasheet HTML 42Page - Renesas Technology Corp DA7218 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 154 page
background image
Ultra-Low Power Stereo Codec
R32DS0004EE0370 Revision 3.7
Aug 9, 2024
CFR0011-120-00
Page 39
The value of the HPF corner frequency also depends on the input sample rate (SR1) as shown in Table 31 (ADC
in high power mode) and Table 32 (ADC in low power mode). Note that when operating in ADC low power mode
(adc_lp_mode = 1), the voice filter is only available at a sample rate of 8 kHz. Similarly the audio filter will not
operate at sample rates of 32 kHz, 88.2 kHz, or 96 kHz.
The sample rates available in the different ADC power modes are summarized in Table 31 for the ADC in high-
power mode (adc_lp_mode = 0), and Table 32 for the ADC in low-power mode (adc_lp_mode = 1).
Table 31: Input high-pass filter settings (ADC in High-power mode)
Sample rate (kHz)
8
11.025
12
16
22.05
24
32
44.1
48
88.2
96
0
00
0.33
0.46
0.5
0.67
0.92
1
1.33
1.84
2
3.68
4
01
0.67
0.92
1
1.33
1.84
2
2.67
3.68
4
7.35
8
10
1.33
1.84
2
2.67
3.68
4
5.33
7.35
8
14.7
16
11
2.67
3.68
4
5.33
7.35
8
10.67
14.7
16
29.4
32
1
000
2.5
3.45
3.75
5
6.89
7.5
10
Voice HPF not available for
sample rates above 32 kHz.
001
25
34.5
37.5
50
68.9
75
100
010
50
68.9
75
100
137.8
150
200
011
100
137.8
150
200
275.6
300
400
100
150
206.7
225
300
413.4
450
600
101
200
275.6
300
400
551.3
600
800
110
300
413.4
450
600
826.9
900
1200
111
400
551.3
600
800
1102.5
1200
1600
Table 32: Input high-pass filter settings (ADC in Low-power mode)
Sample rate (kHz)
8
11.025
12
16
22.05
24
32
44.1
48
88.2
96
0
00
0.33
0.46
0.5
0.67
0.92
1
32 kHz
sample
rate not
available
in low-
power
mode
1.84
2
88.2 kHz and
96 kHz
sample rates
not available
in low-power
mode
01
0.67
0.92
1
1.33
1.84
2
3.68
4
10
1.33
1.84
2
2.67
3.68
4
7.35
8
11
2.67
3.68
4
5.33
7.35
8
14.7
16
1
000
2.5
In low-power mode, the voice HPF is only available at a sample rate of 8 kHz
001
25
010
50
011
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com