Electronic Components Datasheet Search
  English  ▼

X  

DA7218 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # DA7218
Description  Ultra-Low Power Stereo Codec
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7218 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button DA7218 Datasheet HTML 45Page - Renesas Technology Corp DA7218 Datasheet HTML 46Page - Renesas Technology Corp DA7218 Datasheet HTML 47Page - Renesas Technology Corp DA7218 Datasheet HTML 48Page - Renesas Technology Corp DA7218 Datasheet HTML 49Page - Renesas Technology Corp DA7218 Datasheet HTML 50Page - Renesas Technology Corp DA7218 Datasheet HTML 51Page - Renesas Technology Corp DA7218 Datasheet HTML 52Page - Renesas Technology Corp DA7218 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 154 page
background image
Ultra-Low Power Stereo Codec
R32DS0004EE0370 Revision 3.7
Aug 9, 2024
CFR0011-120-00
Page 49
Figure 19. Equalizer filter band 4 frequency response at FS = 48 kHz
Figure 20. Equalizer filter band 5 frequency response at FS = 48 kHz
9.3.5.4
5-Stage Biquad Filter
The stereo 5-stage biquad filter can be used to provide more flexible filtering of the output signal than can be
achieved using the 5-band equalizer. The biquad filters can be used for the implementation of low-pass, high-
pass or notch filters.
The 5-band EQ and the 5-band biquad filter can be used at the same time for greater filtering control.
The biquad filter is enabled using out_1_biq_5stage_filter_en and can be muted using
out_1_biq_5stage_mute_en. The user must also set VDD supply to 1.8 V and set register VDDDIG = Bypass
mode (1.8 V), when using the biquad filters.
The biquad filter on each channel can be selected independently using out_1l_biq_5stage_sel and
out_1r_biq_5stage_sel in the OUT_1L_FILTER_CTRL and OUT_1R_FILTER_CTRL registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com