Electronic Components Datasheet Search
  English  ▼

X  

DA7218 Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # DA7218
Description  Ultra-Low Power Stereo Codec
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7218 Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button DA7218 Datasheet HTML 86Page - Renesas Technology Corp DA7218 Datasheet HTML 87Page - Renesas Technology Corp DA7218 Datasheet HTML 88Page - Renesas Technology Corp DA7218 Datasheet HTML 89Page - Renesas Technology Corp DA7218 Datasheet HTML 90Page - Renesas Technology Corp DA7218 Datasheet HTML 91Page - Renesas Technology Corp DA7218 Datasheet HTML 92Page - Renesas Technology Corp DA7218 Datasheet HTML 93Page - Renesas Technology Corp DA7218 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 154 page
background image
Ultra-Low Power Stereo Codec
R32DS0004EE0370 Revision 3.7
Aug 9, 2024
CFR0011-120-00
Page 90
Address
Name
#
7
6
5
4
3
2
1
0
Register Page 0
0x000000F8
OUT_1L_GAIN
out_1l_digital_gain
0x000000F9
OUT_1R_GAIN
out_1r_digital_gain
Table 115: IN_1L_GAIN (Page 0: 0x000000F4)
Bit
Mode
Symbol
Description
Reset
6:0
R/W
in_1l_digital_gain
IN_1L digital gain control
000 0000 = -83.25 dB
000 0001 = -82.5 dB
000 0010 = -81.75 dB
continuing in 0.75 dB steps through...
110 1111 = 0 dB
to...
111 1110 = 11.25 dB
111 1111 = 12 dB
0x6F
Table 116: IN_1R_GAIN (Page 0: 0x000000F5)
Bit
Mode
Symbol
Description
Reset
6:0
R/W
in_1r_digital_gain
IN_1R digital gain control
000 0000 = -83.25 dB
000 0001 = -82.5 dB
000 0010 = -81.75 dB
continuing in 0.75 dB steps through...
110 1111 = 0 dB
to...
111 1110 = 11.25 dB
111 1111 = 12 dB
0x6F
Table 117: IN_2L_GAIN (Page 0: 0x000000F6)
Bit
Mode
Symbol
Description
Reset
6:0
R/W
in_2l_digital_gain
IN_2L digital gain control
000 0000 = -83.25 dB
000 0001 = -82.5 dB
000 0010 = -81.75 dB
continuing in 0.75 dB steps through...
110 1111 = 0 dB
to...
111 1110 = 11.25 dB
111 1111 = 12 dB
0x6F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com