Electronic Components Datasheet Search
  English  ▼

X  

DIO1408 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1408
Description  Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1408 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1408 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
DIO1408
Version 1.0, Jul 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
I
High Precision Low Power Digital Temperature Sensor
with SMBus and I2C Interface
Features
Wide supply voltage range: 1.4 V to 3.6 V
Accuracy:
−
±0.15°C (Typ) from -20°C to 85°C
−
±0.3°C (Typ) from -40°C to 125°C
Resolution: 12bits (0.0625°C)
Low quiescent current: 2 μA active (Typ)
Programmable high limit and low limit
Digital interface: SMBus, I2C
Support up to 4 device addresses
Package: 1.195 mm × 0.795 mm WLCSP-6
Applications
Smartphone & tablet & notebook thermal
management
Battery management
Game console
AR & VR
SSDs
Digital camera
Thermostat control
Environmental monitoring and HVAC
Under- and overtemperature protection
Package Information
Part Number Package
Body Size
DIO1408
WLCSP-6 1.195 mm × 0.795 mm
Description
The DIO1408 is a high-precision sensor chip for
temperature monitoring in consumer, computer, and
SSD applications. The on-chip 12-bit analog-to-digital
converter (ADC) offers resolution of 0.0625°C.
The DIO1408 is compatible with the System
Management Bus (SMBus) and Inter-Integrated
Circuit (I2C) communication protocol. The DIO1408
can support SMBus alert function and up to four
configurable device addresses.
The DIO1408 can operate at ambient temperatures
of -40°C to 125°C and has programmable alarm
function.
Simplified Schematic


Similar Part No. - DIO1408

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1411 DIOO-DIO1411 Datasheet
931Kb / 26P
SMBus Interface
Jul 2024
DIO1411MP8 DIOO-DIO1411MP8 Datasheet
931Kb / 26P
SMBus Interface
Jul 2024
DIO1412 DIOO-DIO1412 Datasheet
1Mb / 36P
Beta Compensation
Jul 2024
DIO1412ACN8 DIOO-DIO1412ACN8 Datasheet
1Mb / 36P
Beta Compensation
Jul 2024
DIO1412ALP8 DIOO-DIO1412ALP8 Datasheet
1Mb / 36P
Beta Compensation
Jul 2024
More results

Similar Description - DIO1408

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
TEMPERATURE SENSOR
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
Temperature sensor
JUNE 2007
logo
Thinking Electronic Ind...
PTLS2101RP416 THINKING-PTLS2101RP416 Datasheet
420Kb / 7P
Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
TEMPERATURE SENSOR
logo
Integrated Device Techn...
TS3000GB0A0 IDT-TS3000GB0A0 Datasheet
706Kb / 25P
Temperature Sensor
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
Temperature Sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
Temperature Sensor
logo
Analog Devices
AD7291 AD-AD7291_17 Datasheet
572Kb / 29P
Temperature Sensor
07-Sep-2017
logo
TRACO Electronic AG
TBL-BC-TS1 TRACOPOWER-TBL-BC-TS1 Datasheet
219Kb / 1P
Temperature Sensor
Rev. June 30, 2021
TSP-TS TRACOPOWER-TSP-TS Datasheet
230Kb / 1P
Temperature Sensor
Rev. June 30, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com