Electronic Components Datasheet Search
  English  ▼

X  

DIO1408 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1408
Description  Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1408 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1408 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
DIO1408
Version 1.0, Jul 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
1
1. Pin Assignment and Functions
WLCSP-6 (Top view)
Pin No.
Pin Name
I/O
Description
A1
V+
I
Supply voltage (1.4 V to 3.6 V)
B1
A0
I
Address selection pin. Connect to GND, V+, SDA, or SCL
C1
______
ALERT
O
Alert output pin
A2
GND
-
Ground
B2
SCL
I
Input clock pin
C2
SDA
I/O
Input/output data pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com