Electronic Components Datasheet Search
  English  ▼

X  

DIO1408 Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1408
Description  Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1408 Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1408 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
DIO1408
Version 1.0, Jul 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
2
2. Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other condition beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Symbol
Parameter
Min
Max
Unit
V+
Supply voltage
4
V
VIN
SDA, SCL, A0 and
______
ALERT
-0.5
4
V
Operating temperature
-55
150
°C
TJ
Junction temperature
150
°C
TSTG
Storage temperature
-60
150
°C
3. Recommend Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation.
Recommended Operating conditions are specified to ensure optimal performance to the datasheet
specifications. DIOO does not recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min
Max
Unit
V+
Supply voltage
1.4
3.6
V
TA
Ambient temperature
-40
125
°C
4. ESD Ratings
When a statically-charged person or object touches an electrostatic discharge sensitive device, the electrostatic
charge might be drained through sensitive circuitry in the device. If the electrostatic discharge possesses
sufficient energy, damage might occur to the device due to localized overheating.
Model
Condition
Value
Unit
Human-body model
ANSI/ESDA/JEDEC JS-001
±6000
V
Charged-device model
ANSI/ESDA/JEDEC JS-002
±1500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com