Electronic Components Datasheet Search
  English  ▼

X  

DIO1408 Datasheet(PDF) 21 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1408
Description  Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1408 Datasheet(HTML) 21 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1408 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
DIO1408
Version 1.0, Jul 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
17
9. Application Information
Important notice: Validation and testing are the most reliable ways to confirm system functionality. The
application information is not part of the specification and is for reference purposes only.
The DIO1408 is a high-precision sensor chip for temperature monitoring of the board location where the device
is mounted. The DIO1408 can change the SMbus (or I2C) address so as to monitor up to four locations on the
board with a single serial bus.
Figure 13. Typical application
9.1. Design requirements
SCL and SDA pins need pullup resistors to V+ pin. On the
_____
ALERT pin, there is an integrated 93 kΩ pullup
resistor connected to the supply. If a greater pullup to V+ is needed, use an external resistor (smaller value) on
the
_____
ALERT pin. With the pullup resistors, the SCL and SDA lines can be pulled up to a supply that is no less
than V+. Connect A0 to any one of V+, GND, SCL, or SDA to configure one of the four addresses on the bus.
Make sure that SCL or SDA's pullup supply is equivalent to V+ when A0 is connected to SCL or SDA.
9.2. Power supply recommendations
The operating power supply range of the DIO1408 is from 1.4 V to 3.6 V. Make sure that a power-supply bypass
capacitor (0.1 μF typically) is placed as close to the supply and ground pins of the device as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com