| Electronic Components Datasheet Search |
|
DIO1408 Datasheet(PDF) 12 Page - DIOO MICROCIRCUITS CO., LTD |
|
|
|||||||||||||||||||||||||||||
DIO1408 Datasheet(HTML) 12 Page - DIOO MICROCIRCUITS CO., LTD |
|
12 / 25 page ![]() DIO1408 Version 1.0, Jul 2025 www.dioo.com © 2025 Dioo Microcircuits Co., Ltd. Jiangsu 8 8.2.3. Writing and reading operation Accessing a particular register on the DIO1408 needs to write the appropriate value to the pointer register first. After the address byte is sent with the data direction bit LOW and DIO1408 generates an acknowledge bit, the master sends the value for the pointer register. Then the master can write to the corresponding data register on the DIO1408. So every writing operation to the DIO1408 requires sending a value for the pointer register first. When reading from the DIO1408, the value for the pointer register sent by last writing operation is stored and is used to determine which data register is read by a reading operation. The DIO1408 stores the value of the pointer register until it is changed by a writing operation, so the same data register can be repeatedly read by only sending the pointer register bytes once. If a reading operation from another data register is desired, the new value must be written to the pointer register. A writing operation to the pointer register can be performed first without sending other data to the data register. The master can then generate a new START condition and initiate the read command to read from another data register. Figure 6. Two-wire write word format Note: (1) The value of A0 and A1 are determined by the A0 pin. (2) Master should leave SDA high to terminate a single-byte reading operation. (3) Master should leave SDA high to terminate a two-byte reading operation. (4) S: Start, A: ACK, P: Stop. Figure 7. Two-wire read word format |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |