Electronic Components Datasheet Search
  English  ▼

X  

DIO1408 Datasheet(PDF) 22 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1408
Description  Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1408 Datasheet(HTML) 22 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1408 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
DIO1408
Version 1.0, Jul 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
18
10.Layout
The power-supply bypass capacitor should be placed as close to the supply and ground pins as possible. This
bypass capacitor should have a value of 0.1 μF. Adding more decoupling capacitance can compensate for the
high-impedance or noisy power supply. To pull up the SDA, SCL and
_____
ALERT open-drain output pins, the
recommended value of the pullup resistors is 4.7 kΩ.
Figure 14. Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com