Electronic Components Datasheet Search
  English  ▼

X  

DIO1408 Datasheet(PDF) 11 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1408
Description  Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1408 Datasheet(HTML) 11 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1408 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
DIO1408
Version 1.0, Jul 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
7
8. Function Description
8.1. Overview
The DIO1408 is a digital temperature sensor for applications involving thermal management and protection. The
DIO1408 is specified over a temperature range of -40°C to 125°C and is compatible with SMBus and I2C
interface.
8.2. Serial bus
The DIO1408 is compatible with SMBus and I2C interface and operates as a slave device. Both SDA and SCL
are bidirectional lines, connected to positive supply voltage via a pull-up resistor. On-chip spike-suppression
filters reject spikes on the bus line to preserve data integrity. Data transfers of the DIO1408 can be made up to
400 kHz in the Fast-mode. Data is transferred with the Most Significant Bit(MSB) first.
8.2.1. Serial bus overview
The device which initiates a transfer, generates clock signals and terminates a transfer is called a master, and
the device addressed by a master is called a slave.
When bus is free, both lines are HIGH. All transactions begin with a START condition and are terminated by a
STOP condition. A START condition is defined as a HIGH to LOW transition on the SDA while SCL is HIGH. A
STOP condition is defined as a LOW to HIGH transition on the SDA while SCL is HIGH. After the START
condition, a slave address is sent to address a specific device. This address is seven bits long followed by an
eighth bit which is a data direction bit indicating whether a reading or writing operation is intended. The
addressed slave pulls the SDA line LOW during the ninth clock pulse to indicate that the address was
successfully received.
The data byte is then sent and the acknowledgement takes place after every byte. When all data are transferred,
a STOP condition terminates the transaction and the bus returns free.
8.2.2. Serial bus address
The DIO1408 can support up to four configurable slave addresses. The master can communicate with the
DIO1408 by sending the corresponding slave address byte. The first seven bits of this byte are slave address
bits, and the eighth bit is a data direction bit indicating whether a read or writing operation is intended. The
DIO1408 can decode the address based on the status of the address pin when transactions begin. Table 1
shows the pin status and the corresponding address values.
Table 1. Address pin and slave addresses
Device Two-wire Address
A0 Pin(1) Connection
1001000
Ground
1001001
V+
1001010
SDA
1001011
SCL
Note
(1) The value of resistance connected between A0 pin and V+/GND/SDA/ SCL is recommended less than 6.8 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com