Electronic Components Datasheet Search
  English  ▼

X  

DIO1408 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1408
Description  Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1408 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1408 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
DIO1408
Version 1.0, Jul 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
3
5. Electrical Characteristics
At TA = 25°C, and V+ = 1.8 V, unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Temperature input
Range
-40
125
°C
Accuracy
(temperature error)
TA = -20°C to 85°C
-0.75
±0.15
0.75
°C
TA = -40°C to 125°C
-1
±0.3
1
°C
Accuracy vs. supply
-0.3
±0.07
0.3
°C/V
Digital input/output
VIH
Input logic high level
0.7 × (V+)
V
VIL
Input logic low level
0.3 × (V+)
V
IIN
Input current
0 V < VIN < (V+) + 0.3 V
1
μA
VOL
Output logic low level
V+ > 2 V, IOUT = 3 mA
0.4
V
V+ ˂ 2 V, IOUT = 3 mA
0.2 × (V+)
V
______
ALERT internal
pullup resistor
______
ALERT to V+
80
93
115
kΩ
Resolution
12
Bit
Conversion time
One-shot mode
21
ms
Conversion modes
CR1 = 0, CR0 = 0
0.25
Conv/s
CR1 = 0, CR0 = 1 (default)
1
Conv/s
CR1 = 1, CR0 = 0
4
Conv/s
CR1 = 1, CR0 = 1
16
Conv/s
Timeout time
21
26
31
ms
Power supply
IQ
Quiescent current
Serial bus inactive,
CR1 = 0, CR0 = 1 (default)
2
3.5
μA
Serial bus inactive,
CR1 = 0, CR0 = 1 (default),
-40°C to 125°C
5.5
μA
Serial bus active,
SCL frequency = 400 kHz,
CR1 = 0, CR0 = 1 (default)
10
μA
Serial bus active,
SCL frequency = 3.4 MHz,
CR1 = 0, CR0 = 1 (default)
70
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com