Electronic Components Datasheet Search
  English  ▼

X  

DIO1408 Datasheet(PDF) 20 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1408
Description  Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1408 Datasheet(HTML) 20 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1408 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
DIO1408
Version 1.0, Jul 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
16
In interrupt mode (TM = 1), the
_____
ALERT pin is activated when the temperature exceeds the value of THIGH or falls
below the value of TLOW. The
_____
ALERT pin remains active until it is cleared by any one of these three events: a
read of configuration register (clearing temperature watchdog flags), a successful SMBus alert response, or a
general call reset.
The operation of the
_____
ALERT pin in comparator mode is illustrated in Figure 12.
Note:
(1) Update THIGH and TLOW limit. Read the configuration register to clear the flags and the
______
ALERT pin.
Figure 12. Interrupt mode
8.4.4. High- and low-limit registers
The THIGH and TLOW register formats are shown in Table 8 and 9. The default values for power-up (reset) are
THIGH = 127.9375°C (0x7FF8) and TLOW = -128°C (0x8000). Other default value settings of temperature limits can
be provided upon request. For the temperature register, the THIGH and TLOW actually have the same format of
data.
Table 8. Bytes 1 and 2 of THIGH register
D15
D14
D13
D12
D11
D10
D9
D8
H11
H10
H9
H8
H7
H6
H5
H4
D7
D6
D5
D4
D3
D2
D1
D0
H3
H2
H1
H0
0
0
0
0
Table 9. Bytes 1 and 2 of TLOW register
D15
D14
D13
D12
D11
D10
D9
D8
L11
L10
L9
L8
L7
L6
L5
L4
D7
D6
D5
D4
D3
D2
D1
D0
L3
L2
L1
L0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com