Electronic Components Datasheet Search
  English  ▼

X  

DIO1408 Datasheet(PDF) 18 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1408
Description  Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1408 Datasheet(HTML) 18 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1408 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
DIO1408
Version 1.0, Jul 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
14
8.4.3.1. Conversion rate
The DIO1408 is configured for conversion rates of 0.25 Hz, 1 Hz, 4 Hz, or 16 Hz with the conversion rate bits,
CR1 and CR0. The rate is set at 1 Hz by default. The typical conversion time for the DIO1408 is 21 ms.
To achieve different conversion rates, the DIO1408 makes a conversion, then powers down, and waits for the
delay that CR1 and CR0 have set.
The DIO1408 begins a conversion when it is powered on or after a general-call reset (see Figure 10). The first
result is available in 21 ms typically.
Note:
(1) Standby time is set by the CR1 and CR0 bits in the configuration register.
Figure 10. Conversion cycle timing
8.4.3.2. Temperature watchdog flags (FL and FH)
Temperature watchdog flags (FL and FH) are used to indicate the result of comparing the measured temperature
to the temperature limit (THIGH and TLOW). FH is set to 1 if the temperature is higher than THIGH. FL is set to 1 if the
temperature is lower than TLOW. Both flag bits remain at 0 if the temperature is within the range set by the limit
registers. In interrupt mode, if
_____
ALERT pin and flag pins are activated, reading the configuration register clears
the pin and the flags. Please be noted that the SMBus alert response only clears the pin, not the flags.
8.4.3.3. Hysteresis control (HYS1 and HYS0)
In comparator mode, the hysteresis control bits (HYS1 and HYS0) set the hysteresis for the DIO1408's limit
comparison to 0°C, 1°C (default), 2°C, or 4°C.
8.4.3.4. Polarity (POL)
The POL bit can be used to program the polarity of the
_____
ALERT pin. If POL = 0 (default), the
_____
ALERT pin is
active low; If POL = 1, the
_____
ALERT pin is active high and its state is inverted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com