Electronic Components Datasheet Search
  English  ▼

X  

DIO1408 Datasheet(PDF) 13 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1408
Description  Temperature Sensor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1408 Datasheet(HTML) 13 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1408 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO1408 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DIO1408
Version 1.0, Jul 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
9
8.2.4. SMBus alert function
The SMBus alert response provides a quick fault identification for simple slave devices. The
_____
ALERT pin of the
DIO1408 may be connected as an SMBus alert signal while the device is in interrupt mode (TM = 1). When an
alert occurs, the master can broadcast the alert response slave address (0001100) with the read/write bit set
high. Following this alert response, any slave devices that generate an alert identifies itself by acknowledging
the alert response and sending its address on the bus. If more than one slave attempts to respond, bus
arbitration rules apply. The losing device does not generate an acknowledge and continues to hold the alert line
low until the interrupt is cleared. If the temperature is higher than THIGH or lower than TLOW, the LSB is high or low
correspondingly (see Figure 8).
Note:
(1) The value of A0 and A1 are determined by the A0 pin.
(2) S: Start, A: ACK, P: Stop,
_
A: NACK.
Figure 8. SMBus alert response format
8.2.5. Timeout function
The DIO1408 integrates a timeout on its interface to prevent locking up the bus. If SCL or SDA remains low for
26 ms typically between a start and stop condition, the device resets the serial interface. The DIO1408 releases
the bus and waits for a start condition when it is pulled low.
8.2.6. High-speed (HS) mode
The DIO1408 supports bus HS mode operation and can transfer information up to 3.4 MHz. The master send
8-bit controller code (00001xxx) to indicate the beginning of an HS mode transfer. The DIO1408 switches its
internal filter to support high speed data transfer. The bus keeps operating in HS-mode until it encounters a stop
situation and the DIO1408 switches internal filters back to support the Fast-mode.
8.2.7. General call
The DIO1408 supports a general call function. When the host sends the general call address (0000000) and the
R/W bit is 0, the device responds to the general call command. If the second byte is 00000110, the DIO1408
reset internal register to power up values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com