Electronic Components Datasheet Search
  English  ▼

X  

STDEV003ABTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STDEV003ABTR
Description  Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDEV003ABTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STDEV003ABTR Datasheet HTML 4Page - STMicroelectronics STDEV003ABTR Datasheet HTML 5Page - STMicroelectronics STDEV003ABTR Datasheet HTML 6Page - STMicroelectronics STDEV003ABTR Datasheet HTML 7Page - STMicroelectronics STDEV003ABTR Datasheet HTML 8Page - STMicroelectronics STDEV003ABTR Datasheet HTML 9Page - STMicroelectronics STDEV003ABTR Datasheet HTML 10Page - STMicroelectronics STDEV003ABTR Datasheet HTML 11Page - STMicroelectronics STDEV003ABTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Pin configuration
STDVE003A
8/41
16
GND
Power
Ground
17
VCC
Power
Supply voltage (3.3 V ± 5%)
18
REXT
Analog
Connect to GND through a 4.7 K
Ω ± 1% precision
reference resistor. Sets the output current to
generate the output voltage compliant with TMDS
19
EQ_BOOST
Input
Provides equalizer boost function. Set to L for
short cables and H for long cables.
20
DDC_Y_PWR
Power
External power to connect the pull-up resistor on
DDC Y ports. Connect to GND if unused.
21, 23
S1,S2,S3
Input
Source select inputs
24
GND
Power
Ground
25, 26
Y4, Z4
Output,
TMDS
Channel 4 differential outputs
27
VCC
Power
Supply voltage (3.3 V ± 5%)
28, 29
Y3, Z3
Output,
TMDS
Channel 3 differential outputs
30
GND
Power
Ground
31, 32
Y2, Z2
Output,
TMDS
Channel 2 differential outputs
33
VCC
Power
Supply voltage (3.3 V ± 5%)
34, 35
Y1, Z1
Output,
TMDS
Channel 1 differential outputs
36
GND
Power
Ground
37
GND
Power
Ground
38
SCL_SINK
I/O
Sink side DDC bus clock line
39
SDA_SINK
I/O
Sink side DDC bus data line
40
HPD_SINK
Input
Sink side hot plug detector input
High: 5 V power signal asserted from source to
sink and EDID is ready.
Low: No 5 V power signal is asserted from source
to sink or EDID is not ready.
41
DDC_3_PWR
Power
External power to connect the pull-up resistor on
DDC C ports. Connect to GND if unused.
42
OE_N
Input
Output enable, active low
43
VCC
Power
Supply voltage (3.3 V ± 5%)
44
HPD3
Output
Port 3 hot plug detector output. Open drain output.
Connect an external resistor according to the
HDMI specification.
45
SDA3
I/O
Port 3 DDC bus data line
46
SCL3
I/O
Port 3 DDC bus clock line
Table 2.
Pin description (continued)
Pin number
Pin name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com