Electronic Components Datasheet Search
  English  ▼

X  

STDEV003ABTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STDEV003ABTR
Description  Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDEV003ABTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STDEV003ABTR Datasheet HTML 8Page - STMicroelectronics STDEV003ABTR Datasheet HTML 9Page - STMicroelectronics STDEV003ABTR Datasheet HTML 10Page - STMicroelectronics STDEV003ABTR Datasheet HTML 11Page - STMicroelectronics STDEV003ABTR Datasheet HTML 12Page - STMicroelectronics STDEV003ABTR Datasheet HTML 13Page - STMicroelectronics STDEV003ABTR Datasheet HTML 14Page - STMicroelectronics STDEV003ABTR Datasheet HTML 15Page - STMicroelectronics STDEV003ABTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
Functional description
STDVE003A
12/41
across the REXT. The differential output driver provides a typical 10 mA current sink
capability, which provides a typical 500 mV voltage drop across a 50
Ω termination resistor.
TMDS voltage levels
The TMDS interface standard is a signaling method intended for point-to-point
communication over a tightly controlled impedance medium. The TMDS standard uses a
lower voltage swing than other common communication standards, achieving higher data
rates with reduced power consumption while reducing EMI emissions and system
susceptibility to noise. The device is capable of detecting differential signals as low as
100 mV within the entire common mode voltage range.
3.2
Operating modes
The OE_N input activates a hardware power down mode. When the power down mode is
active (OE_N = H), all input and output buffers and internal bias circuitry are powered-off
and disabled.
Outputs are tri-stated in power-down mode. When exiting power-down mode, there is a
delay associated with turning on band-references and input/output buffer circuits.
Table 4.
OE_N operating modes
Input
Output
Function
OE_N
IN+
(ports A1, A2 or A3)
IN-
(ports B1, B2 or B3)
OUT+
OUT-
LH
LH
L
Active mode
LL
H
L
H
Active mode
H
X
X
Hi-Z
Hi-Z
Low power mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com