Electronic Components Datasheet Search
  English  ▼

X  

STDEV003ABTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STDEV003ABTR
Description  Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDEV003ABTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STDEV003ABTR Datasheet HTML 5Page - STMicroelectronics STDEV003ABTR Datasheet HTML 6Page - STMicroelectronics STDEV003ABTR Datasheet HTML 7Page - STMicroelectronics STDEV003ABTR Datasheet HTML 8Page - STMicroelectronics STDEV003ABTR Datasheet HTML 9Page - STMicroelectronics STDEV003ABTR Datasheet HTML 10Page - STMicroelectronics STDEV003ABTR Datasheet HTML 11Page - STMicroelectronics STDEV003ABTR Datasheet HTML 12Page - STMicroelectronics STDEV003ABTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
STDVE003A
Pin configuration
9/41
47
GND
Power
Ground
48, 49
B31, A31
Input, TMDS
Port 3 differential inputs for channel 1
50
VCC
Power
Supply voltage (3.3 V ± 5%)
51, 52
B32, A32
Input, TMDS
Port 3 differential inputs for channel 2
53
GND
Power
Ground
54, 55
B33, A33
Input, TMDS
Port 3 differential inputs for channel 3
56
VCC
Power
Supply voltage (3.3 V ± 5%)
57, 58
B34, A34
Input, TMDS
Port 3 differential inputs for channel 4
59
GND
Power
Ground
60
DDC_2_PWR
Power
External power to connect the pull-up resistor on
DDC B ports. Connect to GND if unused.
61
VCC
Power
Supply voltage (3.3 V ± 5%)
62
HPD2
Output
Port 2 hot plug detector output. Open drain output.
Connect an external resistor according to the
HDMI specification.
63
SDA2
I/O
Port 2 DDC bus data line
64
SCL2
I/O
Port 2 DDC bus clock line
65
GND
Power
Ground
66
GND
Power
Ground
67, 68
B21, A21
Input, TMDS
Port 2 differential inputs for channel 1
69
VCC
Power
Supply voltage (3.3 V ± 5%)
70, 71
B22, A22
Input, TMDS
Port 2 differential inputs for channel 2
72
GND
Power
Ground
73, 74
B23, A23
Input, TMDS
Port 2 differential inputs for channel 3
75
VCC
Power
Supply voltage (3.3 V ± 5%)
76, 77
B24, A24
Input, TMDS
Port 2 differential inputs for channel 4
78
GND
Power
Ground
79
VCC
Power
Supply voltage (3.3 V ± 5%)
80
HPD1
Port 1 hot plug detector output. Open drain output.
Connect an external resistor according to the
HDMI specification.
Table 2.
Pin description (continued)
Pin number
Pin name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com