Electronic Components Datasheet Search
  English  ▼

X  

STDEV003ABTR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STDEV003ABTR
Description  Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDEV003ABTR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STDEV003ABTR Datasheet HTML 11Page - STMicroelectronics STDEV003ABTR Datasheet HTML 12Page - STMicroelectronics STDEV003ABTR Datasheet HTML 13Page - STMicroelectronics STDEV003ABTR Datasheet HTML 14Page - STMicroelectronics STDEV003ABTR Datasheet HTML 15Page - STMicroelectronics STDEV003ABTR Datasheet HTML 16Page - STMicroelectronics STDEV003ABTR Datasheet HTML 17Page - STMicroelectronics STDEV003ABTR Datasheet HTML 18Page - STMicroelectronics STDEV003ABTR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
STDVE003A
Functional description
15/41
several internal modules. The 10 mA current used by the transmitter block is also generated
using this reference current. It is important to ensure that the REXT value is within the ±1%
tolerance range of its typical value.
The output voltage swing depends on 3 components: supply voltage (Vsupply), termination
resistor (RT) and current drive (Idrive). The supply voltage can vary from 3.3 V ±5%,
termination resistor can vary from 50
Ω ±10%.
The voltage on the output is given by:
Vsupply −Idrive x RT.
The variation on Idrive must be controlled to ensure that the voltage on HDMI output is within
the HDMI specification under all conditions.
This is achieved when:
400 mV
≤Idrive x RT ≤600 mV with typical value centered at 500 mV.
3.8
Timing between HPD and DDC
It is important to ensure that the I2C DDC interface is ready by the time the HPD detection is
complete.
As soon as the discovery is finished by the HPD detection, the configuration data is
exchanged between a source and sink through the I2C DDC interface. The STDVE003 Afs
DDC interface is ready for communication as soon as the power supply to the chip is
present and stable. When the desired port is enabled and the chip is out of shutdown mode,
the I2C DDC lines can be used for communication.
Thus, as soon as the HPD detection sequence is complete, the DDC interface can be
readily used. There is no delay between the HPD detection and I2C DDC interface to be
ready.
Table 6.
Bias parameter
Parameter
Min
Typ
Max
Unit
Bandgap voltage
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com