Electronic Components Datasheet Search
  English  ▼

X  

STDEV003ABTR Datasheet(PDF) 29 Page - STMicroelectronics

Part # STDEV003ABTR
Description  Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDEV003ABTR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STDEV003ABTR Datasheet HTML 25Page - STMicroelectronics STDEV003ABTR Datasheet HTML 26Page - STMicroelectronics STDEV003ABTR Datasheet HTML 27Page - STMicroelectronics STDEV003ABTR Datasheet HTML 28Page - STMicroelectronics STDEV003ABTR Datasheet HTML 29Page - STMicroelectronics STDEV003ABTR Datasheet HTML 30Page - STMicroelectronics STDEV003ABTR Datasheet HTML 31Page - STMicroelectronics STDEV003ABTR Datasheet HTML 32Page - STMicroelectronics STDEV003ABTR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
STDVE003A
Maximum rating
29/41
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
tr
Output rise time
400 KHz
Waveform 1 (Figure 17)(2)
Voltage on line = 5 V
Cmax = 400 pF, Rmax = 2 K
300
ns
400 KHz
Waveform 1 (Figure 17)(2)
Voltage on line = 3.3 V
Cmax = 400 pF, Rmax = 2 K
300
ns
tr
Output rise time
100 KHz
Waveform 1,(2)
Voltage on line = 5 V
Cmax = 400 pF, Rmax = 2 K
1000
ns
100 KHz
Waveform 1 (Figure 17)(2)
Voltage on line = 3.3 V
Cmax = 400 pF, Rmax = 2 K
1000
ns
1.
All the timing values are tested during characterization and are guaranteed by design and simulation. Not tested in
production.
2.
The tr transition time is specified with maximum load of 2 kΩ pull-up resistance and 400 pF load capacitance. Different load
resistance and capacitance will alter the RC time constant, thereby changing the propagation delay and transition times.
Refer to Figure 9.
Table 29.
ESD performance
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
ESD
All I/Os
Contact discharge
as per IEC61000-4-2 standard
8kV
Table 28.
I2C repeater(1) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com