Electronic Components Datasheet Search
  English  ▼

X  

STDEV003ABTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # STDEV003ABTR
Description  Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDEV003ABTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STDEV003ABTR Datasheet HTML 6Page - STMicroelectronics STDEV003ABTR Datasheet HTML 7Page - STMicroelectronics STDEV003ABTR Datasheet HTML 8Page - STMicroelectronics STDEV003ABTR Datasheet HTML 9Page - STMicroelectronics STDEV003ABTR Datasheet HTML 10Page - STMicroelectronics STDEV003ABTR Datasheet HTML 11Page - STMicroelectronics STDEV003ABTR Datasheet HTML 12Page - STMicroelectronics STDEV003ABTR Datasheet HTML 13Page - STMicroelectronics STDEV003ABTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Functional description
STDVE003A
10/41
3
Functional description
The STDVE003A routes physical layer signals for high bandwidth digital video and is
compatible with low voltage differential signaling standard like TMDS. The device passes the
differential inputs from a video source to a common display when it is in the active mode of
operation. The device conforms to the TMDS standard on both inputs and outputs.
The low on-resistance and low I/O capacitance of the switch in STDVE003A result in a very
small propagation delay. The device integrates SPDT-type switches for 3 differential data
TMDS channels and 1 differential clock channel. Additionally, it integrates the switches for
DDC and HPD line switching with I2C repeater on the DDC lines.
The I2C interface of the selected input port is linked to the I2C interface of the output port,
and the hot plug detector (HPD) of the selected input port is output to HPD_SINK. For the
unused ports, the I2C interfaces are isolated and the HPD pins are driven to L state.
3.1
Adaptive equalizer
The equalizer dramatically reduces the intersymbol interference (ISI) jitter and attenuation
from long or lossy transmission media. The inputs present high impedance when the device
is not active or when VCC is absent or 0 V. In all other cases, the 50 Ω termination resistors
on input channels are present.
This circuit helps to improve the signal eye pattern significantly. Shaping is performed by the
gain stage of the equalizer to compensate the signal degradation and then the signals are
driven on to the output ports.
The equalizer is fully adaptive and automatic in function providing smaller gain at low
frequencies and higher gain at high frequencies. The default setting of EQ_BOOST = L is
recommended for optimized operation.
Table 3.
Gain frequency response
Frequency
(MHz)
Gain in dB
(EQ_BOOST = 0)
Gain in dB
(EQ_BOOST = 1)
225
3
6.5
325
5
8.5
410
6.5
11
825
11
16
1650
16
21.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com