Electronic Components Datasheet Search
  English  ▼

X  

STDEV003ABTR Datasheet(PDF) 36 Page - STMicroelectronics

Part # STDEV003ABTR
Description  Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDEV003ABTR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STDEV003ABTR Datasheet HTML 32Page - STMicroelectronics STDEV003ABTR Datasheet HTML 33Page - STMicroelectronics STDEV003ABTR Datasheet HTML 34Page - STMicroelectronics STDEV003ABTR Datasheet HTML 35Page - STMicroelectronics STDEV003ABTR Datasheet HTML 36Page - STMicroelectronics STDEV003ABTR Datasheet HTML 37Page - STMicroelectronics STDEV003ABTR Datasheet HTML 38Page - STMicroelectronics STDEV003ABTR Datasheet HTML 39Page - STMicroelectronics STDEV003ABTR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
Application information
STDVE003A
36/41
5
Application information
5.1
Power supply sequencing
Proper power-supply sequencing is advised for all CMOS devices. It is recommended to
always apply VCC before applying any signals to the input/output or control pins.
5.2
Power supply requirements
Bypass each of the VCC pins with 0.1 μF and 1 nF capacitors in parallel as close to the
device as possible, with the smaller-valued capacitor as close to the VCC pin of the device as
possible.
All VCC pins can be tied to a single 3.3 V power source. A 0.01 μF capacitor is connected
from each VCC pin directly to ground to filter supply noise. The maximum power supply
variation can only be ±5% as per the HDMI specifications.
The maximum tolerable noise ripple on 3.3 V supply must be within a specified limit.
5.3
Differential traces
The high-speed TMDS inputs are the most critical parts for the device. There are several
considerations to minimize discontinuities on these transmission lines between the
connectors and the device.
(a) Maintain 100-
Ω differential transmission line impedance into and out of the STDVE003A.
(b) Keep an uninterrupted ground plane below the high-speed I/Os.
(c) Keep the ground-path vias to the device as close as possible to allow the shortest return
current path.
(d) Layout of the TMDS differential inputs should be with the shortest stubs from the
connectors.
Output trace characteristics affect the performance of the STDVE003A. Use controlled
impedance traces to match trace impedance to both the transmission medium impedance
and termination resistor. Run the differential traces close together to minimize the effects of
the noise. Reduce skew by matching the electrical length of the traces. Avoid discontinuities
in the differential trace layout. Avoid 90 degree turns and minimize the number of vias to
further prevent impedance discontinuities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com