Electronic Components Datasheet Search
  English  ▼

X  

STDEV003ABTR Datasheet(PDF) 22 Page - STMicroelectronics

Part # STDEV003ABTR
Description  Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDEV003ABTR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STDEV003ABTR Datasheet HTML 18Page - STMicroelectronics STDEV003ABTR Datasheet HTML 19Page - STMicroelectronics STDEV003ABTR Datasheet HTML 20Page - STMicroelectronics STDEV003ABTR Datasheet HTML 21Page - STMicroelectronics STDEV003ABTR Datasheet HTML 22Page - STMicroelectronics STDEV003ABTR Datasheet HTML 23Page - STMicroelectronics STDEV003ABTR Datasheet HTML 24Page - STMicroelectronics STDEV003ABTR Datasheet HTML 25Page - STMicroelectronics STDEV003ABTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Maximum rating
STDVE003A
22/41
4.3
DC electrical characteristics (I2C repeater)
(TA = -40 to +85 °C, VCC = 3.3 V ± 5%, GND = 0 V; unless otherwise specified)
Table 18.
Supplies
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
VCC
DC supply voltage
3.135
3.3
3.465
V
Table 19.
Input/output SDA, SCL
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
VIH
High level input
voltage
0.7 VCC
5.3
V
VIL
Low level input
voltage(1)
-0.5
0.3 VCC
V
VILc
Low level input voltage
contention(1)
-0.5
0.4
V
VIK
Input clamp voltage
II = -18 mA
−−
-1.2
V
IIL
Input current low
(SDA, SCL)
Input current low
(SDA, SCL)
−−
1
μA
IIH
Input current high
(SDA, SCL)
VI = 3.465 V
(SDA, SCL)
−−
10
μA
VI = 5.3 V
(SDA, SCL)
−−
10
μA
VOL
LOW-level output
voltage
IOL = 3 mA
0.4
V
IOL = 6 mA
0.65
V
IOH
Output high level
leakage current
VO = 3.6 V;
driver disabled
−−
10
μA
VO = 5.3 V;
driver disabled
−−
10
μA
CI
Input capacitance
VI = 3V or 0V
−
67(2)
pF
1.
VIL specification is for the first low level seen by the SDA/SCL lines. VILc is for the second and subsequent low levels seen
by the SDA/SCL lines.
2.
The SCL/SDA CI is about 200 pF when VCC = 0 V. The STDVE003A should be used in applications where power is
secured to the repeater but an active bus remains on either set of the SDA/SCL pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com