Electronic Components Datasheet Search
  English  ▼

X  

STDEV003ABTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # STDEV003ABTR
Description  Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDEV003ABTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STDEV003ABTR Datasheet HTML 19Page - STMicroelectronics STDEV003ABTR Datasheet HTML 20Page - STMicroelectronics STDEV003ABTR Datasheet HTML 21Page - STMicroelectronics STDEV003ABTR Datasheet HTML 22Page - STMicroelectronics STDEV003ABTR Datasheet HTML 23Page - STMicroelectronics STDEV003ABTR Datasheet HTML 24Page - STMicroelectronics STDEV003ABTR Datasheet HTML 25Page - STMicroelectronics STDEV003ABTR Datasheet HTML 26Page - STMicroelectronics STDEV003ABTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
STDVE003A
Maximum rating
23/41
4.4
Dynamic switching characteristics(b)
TA = -40 to +85 °C, VCC = 3.3 V ± 5%, RTERM = 50 Ω ± 5%, CL = 5 pF).
Typical values are at TA = +25 °C and VCC = 3.3 V.
b.
The timing values in this section are tested during characterization and are guaranteed by
design and simulation. Not tested in production.
Table 20.
Clock and data rate
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
fCK
Clock frequency
(1/10th of the
differential data rate)
25
340
MHz
Drate
Signaling rate
3.4
Gbps
Table 21.
Equalizer gain
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
G_EQ
Equalizer gain
At all frequencies
(EQ_BOOST = L) for short
cables
15
dB
At all frequencies
(EQ_BOOST = H) for long
cables
20
dB
Table 22.
Differential output timings
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
tr
Differential data and
clock output rise/fall
times
20% to 80% of VOD
75
150
240
ps
tf
80% to 20% of VOD
75
150
240
ps
tPLH
Differential low to high
propagation delay
Alternating 1 and 0 pattern
at slow and fast data rates
Measure at 50% VOD
between input to output
250
800
ps
tPHL
Differential high to low
propagation delay
250
800
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com