Electronic Components Datasheet Search
  English  ▼

X  

STDEV003ABTR Datasheet(PDF) 37 Page - STMicroelectronics

Part # STDEV003ABTR
Description  Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDEV003ABTR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STDEV003ABTR Datasheet HTML 33Page - STMicroelectronics STDEV003ABTR Datasheet HTML 34Page - STMicroelectronics STDEV003ABTR Datasheet HTML 35Page - STMicroelectronics STDEV003ABTR Datasheet HTML 36Page - STMicroelectronics STDEV003ABTR Datasheet HTML 37Page - STMicroelectronics STDEV003ABTR Datasheet HTML 38Page - STMicroelectronics STDEV003ABTR Datasheet HTML 39Page - STMicroelectronics STDEV003ABTR Datasheet HTML 40Page - STMicroelectronics STDEV003ABTR Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
STDVE003A
Application information
37/41
5.3.1
I2C lines application information
A typical application is shown in the figure below. In the example, the system master is
running on a 3.3 V I2C-bus while the slave is connected to a 5 V bus. Both buses run at
100 kHz unless the slave bus is isolated and then the master bus can run at 400 kHz.
Master devices can be placed on either bus.
Figure 20.
Typical application of I2C bus system
The STDVE003A DDC lines are 5 V tolerant; so it does not require any extra circuitry to
translate between the different bus voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com