Electronic Components Datasheet Search
  English  ▼

X  

STDEV003ABTR Datasheet(PDF) 26 Page - STMicroelectronics

Part # STDEV003ABTR
Description  Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDEV003ABTR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STDEV003ABTR Datasheet HTML 22Page - STMicroelectronics STDEV003ABTR Datasheet HTML 23Page - STMicroelectronics STDEV003ABTR Datasheet HTML 24Page - STMicroelectronics STDEV003ABTR Datasheet HTML 25Page - STMicroelectronics STDEV003ABTR Datasheet HTML 26Page - STMicroelectronics STDEV003ABTR Datasheet HTML 27Page - STMicroelectronics STDEV003ABTR Datasheet HTML 28Page - STMicroelectronics STDEV003ABTR Datasheet HTML 29Page - STMicroelectronics STDEV003ABTR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
Maximum rating
STDVE003A
26/41
4.5
Dynamic switching characteristics (I2C repeater)
TA = -40 to +85 °C, VCC = 3.3 V ± 5%.
Typical values are at TA = +25 °C and VCC = 3.3 V.
.
Table 28.
I2C repeater(1)
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
fSCL
I2C clock frequency
Standard mode
100
kHz
Fast mode
400
kHz
tLOW
Low duration on SCL pin
100 KHz
See Figure 19
Voltage on line = 5V
Cmax=400 pF, Rmax = 2 K
Depends on input signal rise time.
Includes the 20 % time intervals
on both transitions.
4.7
μs
400 KHz
See Figure 19
Voltage on line = 5V
Cmax = 400 pF, Rmax = 2 K
Depends on input signal rise time.
Includes the 20 % time intervals
on both transitions.
1.3
μs
tLOW
Low duration on SCL pin
100 KHz
See Figure 19
Voltage on line = 3.3 V
Cmax = 400 pF, Rmax = 2 K
Depends on input signal rise time.
Includes the 20 % time intervals
on both transitions.
4.7
μs
400 KHz
See Figure 19
Voltage on line = 3.3 V,
Cmax = 400 pF, Rmax = 2 K
Depends on input signal rise time.
Includes the 20 % time intervals
on both transitions.
1.3
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com