Electronic Components Datasheet Search
  English  ▼

X  

STDEV003ABTR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STDEV003ABTR
Description  Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDEV003ABTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STDEV003ABTR Datasheet HTML 10Page - STMicroelectronics STDEV003ABTR Datasheet HTML 11Page - STMicroelectronics STDEV003ABTR Datasheet HTML 12Page - STMicroelectronics STDEV003ABTR Datasheet HTML 13Page - STMicroelectronics STDEV003ABTR Datasheet HTML 14Page - STMicroelectronics STDEV003ABTR Datasheet HTML 15Page - STMicroelectronics STDEV003ABTR Datasheet HTML 16Page - STMicroelectronics STDEV003ABTR Datasheet HTML 17Page - STMicroelectronics STDEV003ABTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
Functional description
STDVE003A
14/41
3.5
I2C DDC line repeater
The device contains two identical bidirectional open-drain, non-inverting buffer circuits that
enable I2C DDC bus lines to be extended without degradation in system performance. The
STDVE003A buffers both the serial data (DDC SDA) and serial clock (DDC SCL) on the I2C
bus, while retaining all the operating modes and features of the I2C system. This enables
two buses of 400 pF bus capacitance to be connected in an I2C application. These buffers
are operational from a supply V of 3.0 V to 3.6 V.
The I2C bus capacitance limit of 400 pF restricts the number of devices and bus length. The
STDVE003A enables the system designer to isolate the two halves of a bus,
accommodating more I2C devices or longer trace lengths. It can also be used to run two
buses, one at 5 V and the other at 3.3 V or a 400 kHz and 100 kHz bus, where the 100 kHz
bus is isolated when 400 kHz operation of the other bus is required. The STDVE003A can
be used to run the I2C bus at both 5 V and 3.3 V interface levels.
The S1, S2 and S3 (SEL) lines act as control signals for the corresponding A, B or C ports.
Note that the SEL line has an internal pull-down resistor. The SEL line should not change
state during an I2C operation, because disabling during bus operation hangs the bus and
enabling part way through a bus cycle could confuse the I2C parts being enabled. The SEL
input should change state only when the global bus and the repeater port are in idle state, to
prevent system failures.
The output low levels for each internal buffer are approximately 0.5 V, but the input voltage
of each internal buffer must be 70 mV or more below the output low level, when the output
internally is driven low. This prevents a lock-up condition from occurring when the input low
condition is released.
As with the standard I2C system, pull up resistors are required to provide the logic high
levels on the buffered bus. The STDVE003A has standard open collector configuration of
the I2C bus. The size of the pull up resistors depends on the system, but each side of the
repeater must have a pull up resistor.
This part is designed to work with standard mode and fast mode I2C devices. Standard
mode I2C devices only specify 3 mA output drive, this limits the termination current to 3 mA
in a generic I2C system where standard mode devices and multiple masters are possible.
Under certain conditions, higher termination currents can be used.
3.6
Power-down condition
The SEL line has an internal pull-down resistor which prevents it from going into an
unknown state in the absence of supply to STDVE003A. Also there is no ESD protection
diode to supply on any of the IOs. This prevents a reverse current flow condition when the
main box is switched off while the TV is switched on.
The OE_N is used to disable most of the internal circuitry of STDVE003A that puts the
device in a low power mode of operation.
3.7
Bias
The bandgap reference voltage over the external REXT reference resistor sets the internal
bias reference current. This current and its factors (achieved by employing highly accurate
and well matched current mirror circuit topologies) are generated on-chip and used by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com