Electronic Components Datasheet Search
  English  ▼

X  

STDEV003ABTR Datasheet(PDF) 24 Page - STMicroelectronics

Part # STDEV003ABTR
Description  Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDEV003ABTR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STDEV003ABTR Datasheet HTML 20Page - STMicroelectronics STDEV003ABTR Datasheet HTML 21Page - STMicroelectronics STDEV003ABTR Datasheet HTML 22Page - STMicroelectronics STDEV003ABTR Datasheet HTML 23Page - STMicroelectronics STDEV003ABTR Datasheet HTML 24Page - STMicroelectronics STDEV003ABTR Datasheet HTML 25Page - STMicroelectronics STDEV003ABTR Datasheet HTML 26Page - STMicroelectronics STDEV003ABTR Datasheet HTML 27Page - STMicroelectronics STDEV003ABTR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
Maximum rating
STDVE003A
24/41
Table 23.
Skew times
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
tSK(O)
Inter-pair channel-to-
channel output skew
100
ps
tSK(P)
Pulse skew
| tPLH - tPHL |25
80
ps
tSK(D)
Intra-pair differential
skew
44
ps
tSK(CC)
Output channel to
channel skew
Difference in
propagation
delay
(tPLH or tPHL)
among all output
channels
50
125
ps
Table 24.
Turn-on and turn-off times
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
tON
TMDS output enable
time
Time from
OE_N to OUT
±
change from tri-
state to active
12
20
ns
tOFF
TMDS output disable
time
Time from
OE_N to OUT
±
change from
active to tri-
state
610
ns
Table 25.
DDC I/O pins
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
Refer to Section 4.5
Table 26.
Status pins (Y_HPD, A_HPD, B_HPD, C_HPD, SEL
)
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
tPD(HPD)
Propagation delay
(from Y_HPD to the
active port of HPD)
CL = 10 pF,
RPU =1KΩ
150
ns
TON/OFF
Switch time
(from port select to the
latest valid status of
HPD)
CL = 10 pF
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com