Electronic Components Datasheet Search
  English  ▼

X  

ECP2 Datasheet(PDF) 371 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 371 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 367Page - Lattice Semiconductor ECP2 Datasheet HTML 368Page - Lattice Semiconductor ECP2 Datasheet HTML 369Page - Lattice Semiconductor ECP2 Datasheet HTML 370Page - Lattice Semiconductor ECP2 Datasheet HTML 371Page - Lattice Semiconductor ECP2 Datasheet HTML 372Page - Lattice Semiconductor ECP2 Datasheet HTML 373Page - Lattice Semiconductor ECP2 Datasheet HTML 374Page - Lattice Semiconductor ECP2 Datasheet HTML 375Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 386 page
background image
5-14
Ordering Information
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
LatticeECP2M Part Number Description
Ordering Information
Note: LatticeECP2M devices are dual marked. For example, the commercial speed grade LFE2M50E-7F672C is
also marked with industrial grade -6I (LFE2M50E-6F672I). The commercial grade is one speed grade faster than
the associated dual mark industrial grade. The slowest commercial grade does not have industrial markings. The
markings appear as follows:
LFE2M XXX XE – X XXXXXX X
Grade
C = Commercial
I = Industrial
Logic Capacity
20 = 20K LUTs
35 = 35K LUTs
50 = 50K LUTs
70 = 70K LUTs
100 = 100K LUTs
Supply Voltage
E = 1.2V
Speed
5 = Slowest
6
7 = Fastest
Package
F256 = 256-ball fpBGA
F484 = 484-ball fpBGA
F672 = 672-ball fpBGA
F900 = 900-ball fpBGA
F1152 = 1152-ball fpBGA
F1156 = 1156-ball fpBGA
FN256 = 256-ball Lead-free fpBGA
FN484 = 484-ball Lead-free fpBGA
FN672 = 672-ball Lead-free fpBGA
FN900 = 900-ball Lead-free fpBGA
FN1152 = 1152-ball Lead-free fpBGA
FN1156 = 1156-ball Lead-free fpBGA
Device Family
ECP2M (LatticeECP2 FPGA + SERDES)
Encryption
S = Security Series (Encryption Feature)
Blank = Standard Series (No Encryption)
LFE2M35E
7F672C-6I
Datecode
LFE2M35SE
7F672C-6I
Datecode
Contact Your Local Lattice Sales Representative for Product Availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com