Electronic Components Datasheet Search
  English  ▼

X  

ECP2 Datasheet(PDF) 90 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 90 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 86Page - Lattice Semiconductor ECP2 Datasheet HTML 87Page - Lattice Semiconductor ECP2 Datasheet HTML 88Page - Lattice Semiconductor ECP2 Datasheet HTML 89Page - Lattice Semiconductor ECP2 Datasheet HTML 90Page - Lattice Semiconductor ECP2 Datasheet HTML 91Page - Lattice Semiconductor ECP2 Datasheet HTML 92Page - Lattice Semiconductor ECP2 Datasheet HTML 93Page - Lattice Semiconductor ECP2 Datasheet HTML 94Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 386 page
background image
3-38
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
SERDES High Speed Data Transmitter (LatticeECP2M Family Only)
1, 2
Table 3-7. Serial Output Timing and Levels
Table 3-8. Channel Output Jitter
Symbol
Description
Frequency
Min.
Typ.
Max.
Units
VTX-DIFF-P-P-1.25 Differential swing (1.25V setting)
1, 2
0.25 to 3.125 Gbps
—
1.25
—
V, p-p
VTX-DIFF-P-P-1.4
Differential swing (1.4V setting)
1, 2
0.25 to 3.125 Gbps
—
1.4
—
V, p-p
VTX-DIFF-P-P-1.0
Differential swing (1.0V setting)
1, 2
0.25 to 3.125 Gbps
—
1.0
—
V, p-p
VTX-DIFF-P-P-1.2
Differential swing (1.2V setting)
1, 2
0.25 to 3.125 Gbps
—
1.2
—
V, p-p
VOCM
Output common mode voltage
—
—
0.8
—
V
TTX-R
Rise time (20% to 80%)
—
—
70
—
ps
TTX-F
Fall time (80% to 20%)
—
—
70
—
ps
ZTX-OI-SE
Output Impedance 50/75/HiZ K Ohms
(single ended)
——
50/75
HiZ
—
Ohms
RLTX-RL
Return loss (with package)
—
—
9
—
dB
1. All measurements are with 50 ohm impedance.
2. See technical note TN1124, LatticeECP2/M SERDES/PCS Usage Guide for actual binary settings and the min-max range.
Description
Frequency
Min.
Typ.
Max.
Units
Deterministic
3.125 Gbps
—
0.08
0.12
UI, p-p
Random
3.125 Gbps
—
0.22
0.38
UI, p-p
Total
3.125 Gbps
—
0.33
0.43
UI, p-p
Deterministic
2.5Gbps
—
0.05
0.11
UI, p-p
Random
2.5Gbps
—
0.17
0.30
UI, p-p
Total
2.5Gbps
—
0.24
0.39
UI, p-p
Deterministic
1.25 Gbps
—
0.03
0.11
UI, p-p
Random
1.25 Gbps
—
0.10
0.18
UI, p-p
Total
1.25 Gbps
—
0.15
0.29
UI, p-p
Deterministic
250 Mbps
—
0.04
0.17
UI, p-p
Random
250 Mbps
—
0.12
0.13
UI, p-p
Total
250 Mbps
—
0.15
0.29
UI, p-p
Note: Values are measured with PRBS 2
7-1, all channels operating, FPGA Logic active, I/Os around SERDES pins quiet, reference clock @
10X mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com