Electronic Components Datasheet Search
  English  ▼

X  

ECP2 Datasheet(PDF) 55 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 55 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 51Page - Lattice Semiconductor ECP2 Datasheet HTML 52Page - Lattice Semiconductor ECP2 Datasheet HTML 53Page - Lattice Semiconductor ECP2 Datasheet HTML 54Page - Lattice Semiconductor ECP2 Datasheet HTML 55Page - Lattice Semiconductor ECP2 Datasheet HTML 56Page - Lattice Semiconductor ECP2 Datasheet HTML 57Page - Lattice Semiconductor ECP2 Datasheet HTML 58Page - Lattice Semiconductor ECP2 Datasheet HTML 59Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 386 page
background image
3-3
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
DC Electrical Characteristics
Over Recommended Operating Conditions
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
IIL, IIH
1
Input or I/O Low Leakage
0 ≤ VIN ≤ (VCCIO - 0.2V)
—
—
10
µA
IIH
1
Input or I/O High Leakage
(VCCIO - 0.2V) < VIN ≤ 3.6V
—
—
150
µA
IPU
I/O Active Pull-up Current
0 ≤ VIN ≤ 0.7 VCCIO
-30
—
-210
µA
IPD
I/O Active Pull-down Current
VIL (MAX) ≤ VIN ≤ VIH (MAX)
30
—
210
µA
IBHLS
Bus Hold Low Sustaining Current VIN = VIL (MAX)
30
—
—
µA
IBHHS
Bus Hold High Sustaining Current VIN = 0.7 VCCIO
-30
—
—
µA
IBHLO
Bus Hold Low Overdrive Current
0 ≤ VIN ≤ VCCIO
—
—
210
µA
IBHHO
Bus Hold High Overdrive Current 0 ≤ VIN ≤ VCCIO
—
—
-210
µA
VBHT
Bus Hold Trip Points
0 ≤ VIN ≤ VIH (MAX)
VIL (MAX)
—
VIH (MIN)
V
C1
I/O Capacitance
2
VCCIO = 3.3V, 2.5V, 1.8V, 1.5V, 1.2V,
VCC = 1.2V, VIO = 0 to VIH (MAX)
—8
—
pf
C2
Dedicated Input Capacitance
2
VCCIO = 3.3V, 2.5V, 1.8V, 1.5V, 1.2V,
VCC = 1.2V, VIO = 0 to VIH (MAX)
—6
—
pf
1. Input or I/O leakage current is measured with the pin configured as an input or as an I/O with the output driver tri-stated. It is not measured
with the output driver active. Bus maintenance circuits are disabled.
2. TA 25
oC, f = 1.0MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com