Electronic Components Datasheet Search
  English  ▼

X  

ECP2 Datasheet(PDF) 67 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 67 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 63Page - Lattice Semiconductor ECP2 Datasheet HTML 64Page - Lattice Semiconductor ECP2 Datasheet HTML 65Page - Lattice Semiconductor ECP2 Datasheet HTML 66Page - Lattice Semiconductor ECP2 Datasheet HTML 67Page - Lattice Semiconductor ECP2 Datasheet HTML 68Page - Lattice Semiconductor ECP2 Datasheet HTML 69Page - Lattice Semiconductor ECP2 Datasheet HTML 70Page - Lattice Semiconductor ECP2 Datasheet HTML 71Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 386 page
background image
3-15
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
RSDS
The LatticeECP2/M devices support differential RSDS standard. This standard is emulated using complementary
LVCMOS outputs in conjunction with a parallel resistor across the driver outputs. The RSDS input standard is sup-
ported by the LVDS differential input buffer. The scheme shown in Figure 3-4 is one possible solution for RSDS
standard implementation. Resistor values in Figure 3-4 are industry standard values for 1% resistors.
Figure 3-4. RSDS (Reduced Swing Differential Signaling)
Table 3-5. RSDS DC Conditions
1
Over Recommended Operating Conditions
Parameter
Description
Typical
Units
VCCIO
Output Driver Supply (+/-5%)
2.50
V
ZOUT
Driver Impedance
20
Ω
RS
Driver Series Resistor (+/-1%)
294
Ω
RP
Driver Parallel Resistor (+/-1%)
121
Ω
RT
Receiver Termination (+/-1%)
100
Ω
VOH
Output High Voltage
1.35
V
VOL
Output Low Voltage
1.15
V
VOD
Output Differential Voltage
0.20
V
VCM
Output Common Mode Voltage
1.25
V
ZBACK
Back Impedance
101.5
Ω
IDC
DC Output Current
3.66
mA
1. For input buffer, see LVDS table.
RS = 294 ohms
(+/-1%)
RS = 294 ohms
(+/-1%)
RP = 121 ohms
(+/-1%)
RT = 100 ohms
(+/-1%)
On-chip
On-chip
8mA
8mA
VCCIO = 2.5V
(+/-5%)
VCCIO = 2.5V
(+/-5%)
Transmission line,
Zo = 100 ohm differential
+
-
Off-chip
Off-chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com