Electronic Components Datasheet Search
  English  ▼

X  

ECP2 Datasheet(PDF) 12 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 12 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 8Page - Lattice Semiconductor ECP2 Datasheet HTML 9Page - Lattice Semiconductor ECP2 Datasheet HTML 10Page - Lattice Semiconductor ECP2 Datasheet HTML 11Page - Lattice Semiconductor ECP2 Datasheet HTML 12Page - Lattice Semiconductor ECP2 Datasheet HTML 13Page - Lattice Semiconductor ECP2 Datasheet HTML 14Page - Lattice Semiconductor ECP2 Datasheet HTML 15Page - Lattice Semiconductor ECP2 Datasheet HTML 16Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 386 page
background image
2-9
Architecture
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
Table 2-5. DLL Signals
DLLDELA Delay Block
Closely associated with each DLL is a DLLDELA block. This is a delay block consisting of a delay line with taps and
a selection scheme that selects one of the taps. The DCNTL[8:0] bus controls the delay of the CLKO signal. Typi-
cally this is the delay setting that the DLL uses to achieve phase alignment. This results in the delay providing a cal-
ibrated 90° phase shift that is useful in centering a clock in the middle of a data cycle for source synchronous data.
The CLKO signal feeds the edge clock network. Figure 2-7 shows the connections between the DLL block and the
DLLDELA delay block. For more information, please see the list of additional technical documentation at the end of
this data sheet.
Figure 2-7. DLLDELA Delay Block
PLL/DLL Cascading
LatticeECP2/M devices have been designed to allow certain combinations of PLL (GPLL and SPLL) and DLL cas-
cading. The allowable combinations are:
• PLL to PLL supported
• PLL to DLL supported
Signal
I/O
Description
CLKI
I
Clock input from external pin or routing
CLKFB
I
DLL feed input from DLL output, clock net, routing or external pin
RSTN
I
Active low synchronous reset
ALUHOLD
I
Active high freezes the ALU
UDDCNTL
I
Synchronous enable signal (hold high for two cycles) from routing
DCNTL[8:0]
O
Encoded digital control signals for PIC INDEL and slave delay calibration
CLKOP
O
The primary clock output
CLKOS
O
The secondary clock output with fine phase shift and/or division by 2 or by 4
LOCK
O
Active high phase lock indicator
DLL Block
CLKOP
CLKOS
LOCK
CLKO
CLKI
CLKFB
CLKI
DLLDELA Delay Block
PLL_PIO
DLL_PIO
Routing
Routing
CLKFB_CK
ECLK1
CLKOP
GDLLFB_PIO
DCNTL[8:0]
*
*
*
* Software selectable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com