Electronic Components Datasheet Search
  English  ▼

X  

ECP2 Datasheet(PDF) 94 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 94 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 90Page - Lattice Semiconductor ECP2 Datasheet HTML 91Page - Lattice Semiconductor ECP2 Datasheet HTML 92Page - Lattice Semiconductor ECP2 Datasheet HTML 93Page - Lattice Semiconductor ECP2 Datasheet HTML 94Page - Lattice Semiconductor ECP2 Datasheet HTML 95Page - Lattice Semiconductor ECP2 Datasheet HTML 96Page - Lattice Semiconductor ECP2 Datasheet HTML 97Page - Lattice Semiconductor ECP2 Datasheet HTML 98Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 386 page
background image
3-42
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
PCI Express Electrical and Timing Characteristics
AC and DC Characteristics
Table 3-15. Transmit
1, 2
Table 3-16. Receive
Symbol
Description
Test Conditions
Min
Typ
Max
Units
UI
Unit interval
399.88
400
400.12
ps
VTX-DIFF_P-P
Differential peak-to-peak output
voltage
0.8
1.0
1.2
V
VTX-DE-RATIO
De-emphasis differential output
voltage ratio
0
-3.5
-7.96
dB
VTX-CM-AC_P
RMS AC peak common-mode out-
put voltage
—20—
mV
VTX-CM-DC-LINE-DELTA
Maximum Common mode voltage
delta between n and p channels
—
—
25
mV
VTX-DC-CM
Tx DC common mode voltage
0
—
VCCOB +
5%
V
ITX-SHORT
Output short circuit current
VTX-D+=0.0V
VTX-D-=0.0V
—
—
90
mA
ZTX-DIFF-DC
Differential output impedance
80
100
120
Ohms
TTX-RISE
Tx output rise time
20 to 80%
0.125
—
—
UI
TTX-FALL
Tx output fall time
20 to 80%
0.125
—
—
UI
LTX-SKEW
Lane-to-lane static output skew for
all lanes in port/link
—
—
1.3
ns
TTX-EYE
Transmitter eye width
0.75
—
—
UI
TTX-EYE-MEDIAN-TO-MAX-JITTER
3
—
—
0.125
UI
CTX
AC coupling capacitor
75
—
200
nF
1. Values are measured at 2.5 Gbps.
2. Compliant to PCI Express v1.1.
3. Measured at 60ps with plug-in board and jitter due to socket removed.
Symbol
Description
Test Conditions
Min.
Typ.
Max.
Units
UI
Unit Interval
399.88
400
400.12
ps
VRX-DIFF_P-P
Differential peak-to-peak input
voltage
0.175
—
—
V
VRX-IDLE-DET-DIFF_P-P
Idle detect threshold voltage
65
—
175
mV
ZRX-DIFF-DC
DC differential input impedance
80
100
120
Ohms
ZRX-DC
DC input impedance
40
50
60
Ohms
ZRX-HIGH-IMP-DC
1
Power-down DC input impedance
200K
—
—
Ohms
TRX-EYE
Receiver eye width
0.4
—
—
UI
TRX-EYE-MEDIAN-TO-MAX-JITTER
—
—
0.3
UI
Notes:
1. Measured with external AC-coupling on the receiver
2. Values are measured at 2.5 Gbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com