Electronic Components Datasheet Search
  English  ▼

X  

ECP2 Datasheet(PDF) 48 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 48 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 44Page - Lattice Semiconductor ECP2 Datasheet HTML 45Page - Lattice Semiconductor ECP2 Datasheet HTML 46Page - Lattice Semiconductor ECP2 Datasheet HTML 47Page - Lattice Semiconductor ECP2 Datasheet HTML 48Page - Lattice Semiconductor ECP2 Datasheet HTML 49Page - Lattice Semiconductor ECP2 Datasheet HTML 50Page - Lattice Semiconductor ECP2 Datasheet HTML 51Page - Lattice Semiconductor ECP2 Datasheet HTML 52Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 386 page
background image
2-45
Architecture
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
Table 2-14. Supported Output Standards
Hot Socketing
LatticeECP2/M devices have been carefully designed to ensure predictable behavior during power-up and power-
down. During power-up and power-down sequences, the I/Os remain in tri-state until the power supply voltage is
high enough to ensure reliable operation. In addition, leakage into I/O pins is controlled within specified limits. This
allows for easy integration with the rest of the system. These capabilities make the LatticeECP2/M ideal for many
multiple power supply and hot-swap applications.
Output Standard
Drive
VCCIO (Nom.)
Single-ended Interfaces
LVTTL
4mA, 8mA, 12mA, 16mA, 20mA
3.3
LVCMOS33
4mA, 8mA, 12mA 16mA, 20mA
3.3
LVCMOS25
4mA, 8mA, 12mA, 16mA, 20mA
2.5
LVCMOS18
4mA, 8mA, 12mA, 16mA
1.8
LVCMOS15
4mA, 8mA
1.5
LVCMOS12
2mA, 6mA
1.2
LVCMOS33, Open Drain
4mA, 8mA, 12mA 16mA, 20mA
—
LVCMOS25, Open Drain
4mA, 8mA, 12mA 16mA, 20mA
—
LVCMOS18, Open Drain
4mA, 8mA, 12mA 16mA
—
LVCMOS15, Open Drain
4mA, 8mA
—
LVCMOS12, Open Drain
2mA, 6mA
—
PCI33
N/A
3.3
HSTL18 Class I, II
N/A
1.8
HSTL15 Class I
N/A
1.5
SSTL3 Class I, II
N/A
3.3
SSTL2 Class I, II
N/A
2.5
SSTL18 Class I, II
N/A
1.8
Differential Interfaces
Differential SSTL3, Class I, II
N/A
3.3
Differential SSTL2, Class I, II
N/A
2.5
Differential SSTL18, Class I, II
N/A
1.8
Differential HSTL18, Class I, II
N/A
1.8
Differential HSTL15, Class I
N/A
1.5
LVDS
N/A
2.5
MLVDS
1
N/A
2.5
BLVDS
1
N/A
2.5
LVPECL
1
N/A
3.3
RSDS
1
N/A
2.5
LVCMOS33D
1
4mA, 8mA, 12mA, 16mA, 20mA
3.3
1. Emulated with external resistors. For more detail, please see information regarding additional technical documentation at
the end of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com